Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K5V Datasheet(PDF) 1 Page - C&K Components

Part # K5V
Description  Right Angle Lighted SMT Tact Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

K5V Datasheet(HTML) 1 Page - C&K Components

  K5V Datasheet HTML 1Page - C&K Components K5V Datasheet HTML 2Page - C&K Components K5V Datasheet HTML 3Page - C&K Components K5V Datasheet HTML 4Page - C&K Components K5V Datasheet HTML 5Page - C&K Components K5V Datasheet HTML 6Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
K5V
Right Angle Lighted SMT Tact Switch
Features
• Gold plated dome contact SPST/SPDT
• Excellent ergonomics
• High bright leds
• Reduced space usage on board
• 40 N overload
• Tape and reel
• RoHS compliant and compatible
Mechanical
Specification
FUNCTION: momentary action
CONTACT ARRANGEMENT: Normally Open + Normally Closed
TERMINALS: SMT with positioning pegs
1
Tolerances of operating force FA is ± 25%.
Operating force
Operating
Travel (total
FA1 Newtons
life
travel)
Type
(grams)
(operations)
mm(mm)
K5V4CL43G
4.0 (400)
25,000
1.2 (2.4)
Typical Applications
• When backlighting and switch are
required to be a “2 in 1” component
• The dome contact secures a superior
contact reliability in time
• The ergonomics of K5V provides a
long travel, a sharp tactile feel and
an audible click
• Server, storage, automotive, network
infrastructure, medical
Electrical
POWER MIN/MAX: 0.02VA / 1.0VA
VOLTAGE MIN/MAX: 20mVdc – 32 Vdc
CURRENT MIN/MAX: 0.1mA – 100mA
CONTACT RESISTANCE: <150m
Ω
INSULATION RESISTANCE: >1G
Ω initial, >10M Ω after damp heat
BOUNCE TIME: <5ms
Environmental
OPERATING TEMPERATURE: -40˚C to 85˚C
STORAGE TEMPERATURE: -50˚C to 85˚C
RELATIVE HUMIDITY: 90 to 96% according to NF EN 60068-2-30
PROTECTION: dust protection and flux tight
OVERLOAD: 40N min
Process
SOLDERING: Compatible with the lead free soldering profile.
No washing
Materials
LEAD FREE
CONTACTS: Au over Ni
SOLDERING: Au over Ni
HOUSING: Thermoplastic UL94 HB
Packaging
330 pieces per reel
Reel ø 360mm
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and and place it in the appropriate box.
Actuator
4 without snap-in
5 with snap-ins on clear lens
(for light pipe extension)
Actuator color/LED color
CL Transparent/No LED
90 Black Actuator/No LED
YE Translucid/Yellow
GN Translucid/Green
RD Translucid/Red
OG Translucid/Orange
BU Translucid/Blue
WH Translucid/White
YG Translucid/Yellow-Green
RG Translucid/Red-Green
Operating Force
4 4.0 N (400 grams)
Contact Material
3 Gold (Au)
Termination
G Surface mount
K
5
V
G
B–47
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
B


Similar Part No. - K5V

ManufacturerPart #DatasheetDescription
logo
ITT Industries
K5V ITT-K5V Datasheet
740Kb / 6P
Right Angle Lighted SMT Tact Switch
logo
C&K Components
K5V CK-COMPONENTS-K5V Datasheet
782Kb / 5P
Illuminated Tact Switch
13 May 22
logo
ITT Industries
K5V10023G ITT-K5V10023G Datasheet
220Kb / 2P
Right Angle Lighted SMT Tact Switch
K5V10023T ITT-K5V10023T Datasheet
461Kb / 2P
Right Angle Lighted THT Tact Switch
K5V10033P ITT-K5V10033P Datasheet
238Kb / 2P
Panel Mount Lighted Tact Switch
More results

Similar Description - K5V

ManufacturerPart #DatasheetDescription
logo
ITT Industries
K5V ITT-K5V Datasheet
740Kb / 6P
Right Angle Lighted SMT Tact Switch
KT11B0SAM34LFS ITT-KT11B0SAM34LFS Datasheet
216Kb / 4P
Right Angle Sealed Tact Switch for SMT
logo
C&K Components
K5AT CK-COMPONENTS-K5AT Datasheet
448Kb / 2P
Lighted SMT Tact Switch
KT11SM34LFS CK-COMPONENTS-KT11SM34LFS Datasheet
249Kb / 4P
Right Angle Sealed Tact Switch for SMT
KT11B1JM34LFS CK-COMPONENTS-KT11B1JM34LFS Datasheet
227Kb / 4P
Right Angle Sealed Tact Switch for SMT
logo
ITT Industries
KT11P2SA3M33 ITT-KT11P2SA3M33 Datasheet
113Kb / 4P
Right Angle Sealed Tact Switch for SMT
K5V_PM ITT-K5V_PM Datasheet
238Kb / 2P
Panel Mount Lighted Tact Switch
K5V_SMT ITT-K5V_SMT Datasheet
220Kb / 2P
Right Angle Lighted SMT Tact Switch
K5V_THT ITT-K5V_THT Datasheet
461Kb / 2P
Right Angle Lighted THT Tact Switch
logo
C&K Components
K8WH41G CK-COMPONENTS-K8WH41G Datasheet
483Kb / 3P
Lighted SMT Tact Switch with Rugged LED Mounting Process
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com