Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDS Datasheet(PDF) 4 Page - C&K Components

Part # MDS
Description  Micro Snap-acting Detect Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

MDS Datasheet(HTML) 4 Page - C&K Components

  MDS Datasheet HTML 1Page - C&K Components MDS Datasheet HTML 2Page - C&K Components MDS Datasheet HTML 3Page - C&K Components MDS Datasheet HTML 4Page - C&K Components MDS Datasheet HTML 5Page - C&K Components MDS Datasheet HTML 6Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
E
E–16
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
Third Angle
Projection
MDS Series
Micro Snap-acting Detect Switches
TERMINATIONS
2,5
3X 1,5
3X 1,67
2X 1,66
2X2,05
12
2,5
2,5
0,25
11,63
9,2
10°
2X 0,82
3,13
2X 0,76
3,29
2,95
6,15
OPERATING
POSITION
FROM CENTER
OF POST
OF PINS
2X 1,8
8,34
3
2,5
2,5
8,2
4,63
2
2X
THRU HOLE
0,9
8,75
8,75
TO CENTER
OF POSTS
RECOMMENDED SMT MOUNTING
SL
SMT, LEFT MOUNT
SR
SMT, RIGHT MOUNT
1,3
2,5
2,5
2,7
0,8
2.69
0.58
0.41
1.50
1,5
0,6
1,3
2,5
2,5
2,7
0,4
0,8
2,7
0.070
(1,8)
TYP
0.060
(1,5)
TYP
0.098
(2,5)
TYP
SMT Mounting Pattern
0.070
(1,8)
TYP
0.060
(1,5)
TYP
0.098
(2,5)
TYP
SMT Mounting Pattern
8,2
2,5
3X1,5
3X 1,67
2X 1,66
2X 2,05
12
OPERATING POSITION
FROM CENTER OF POST
6,15
OF POSTS
2X 1,8
9,2
11,63
0,25
10°
2,5
2,5
3,29
2X 0,76
2,95
2,5
2,5
3
8,37
2
4,63
2X
THRU HOLE
0,9
2X 0,82
3,13
8,75
TO CENTER OF POSTS
8,75
RECOMMENDED SMT MOUNTING
CL
SMT, LEFT MOUNT WITH PINS
CR
SMT, RIGHT MOUNT WITH PINS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com