Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAN222 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # DAN222
Description  100 mA Switching Diode 80 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DAN222 Datasheet(HTML) 1 Page - Micro Commercial Components

  DAN222 Datasheet HTML 1Page - Micro Commercial Components DAN222 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DAN222
DAP222
100 mA
Switching Diode
80 Volts
Features
•
High reliability
•
High speed
Maximum Ratings
Symbol
Parameter
Rating
Unit
VRM
Peak Reverse Voltage
80
V
IF
Forward Current
100
mA
IFSM
Peak Forward Surge Current*
300
mA
TJ
Junction Temperature
-55 to +150
TSTG
Storage Temperature
-55 to +150
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
OFF CHARACTERISTICS
VF
Forward Voltage
(IF=1mAdc)
---
---
1.2
Vdc
IR
Reverse Current
(VR=10Vdc)
---
---
0.1
uAdc
CD
Diode Capacitance
(VR=1V, f=1MHz)
---
---
3.5
pF
trr
Reverse Recovery Time
(VR=1V, IF=5mA)
---
---
4
ns
DAP222: P
DAN222: N
Marking:
SOT-523
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.059
.067
1.50
1.70
B
.030
.033
0.75
0.85
C
.057
.069
1.45
1.75
D
.020 Nominal
0.50Nominal
E
.035
.043
0.90
1.10
G
.000
.004
.000
.100
H
.028
.031
.70
0.80
J
.004
.008
.100
.200
K
.010
.014
.25
.35
A
C
B
D
E
G
H
J
DIMENSIONS
K
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
www.mccsemi.com
Revision:
A
20
11/01/01
TM
Micro Commercial Components
1 of 2
•
Lead Free Finish/Rohs Compliant ("P"Suffix designates
RoHS Compliant. See ordering information)
• Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1


Similar Part No. - DAN222

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DAN222 MOTOROLA-DAN222 Datasheet
90Kb / 6P
SOT-416/SC-90 PACKAGE COMMON CATHODE DUAL SWITCHING DIODE SURFACE MOUNT
logo
ON Semiconductor
DAN222 ONSEMI-DAN222 Datasheet
92Kb / 8P
COMMON CATHODE SILICON DUAL SWITCHING DIODE
March, 2000 ??Rev. 2
logo
Diodes Incorporated
DAN222 DIODES-DAN222 Datasheet
63Kb / 4P
Ultra high speed switching
logo
Rohm
DAN222 ROHM-DAN222 Datasheet
185Kb / 3P
Switching diode
logo
ON Semiconductor
DAN222 ONSEMI-DAN222 Datasheet
49Kb / 4P
Common Cathode Silicon Dual Switching Diode
March, 2006 ??Rev. 4
More results

Similar Description - DAN222

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DAN202 MCC-DAN202 Datasheet
323Kb / 3P
100 mA Switching Diode 80 Volts
DAN202U MCC-DAN202U Datasheet
211Kb / 3P
100 mA Switching Diode 80 Volts
DAP202 MCC-DAP202 Datasheet
345Kb / 3P
100 mA Switching Diode 80 Volts
DK400LP MCC-DK400LP Datasheet
374Kb / 3P
100 mA Switching Diode 80 Volts
1N4148WLP MCC-1N4148WLP_13 Datasheet
451Kb / 3P
100 mA Switching Diode 80 Volts
DAN202 MCC-DAN202_13 Datasheet
386Kb / 3P
100 mA Switching Diode 80 Volts
DAN202U MCC-DAN202U_13 Datasheet
266Kb / 3P
100 mA Switching Diode 80 Volts
DAN222 MCC-DAN222_13 Datasheet
229Kb / 2P
100 mA Switching Diode 80 Volts
DAN222M MCC-DAN222M Datasheet
318Kb / 2P
100 mA Switching Diode 80 Volts
DAP202 MCC-DAP202_13 Datasheet
405Kb / 3P
100 mA Switching Diode 80 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com