Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB157 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # DB157
Description  1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DB157 Datasheet(HTML) 1 Page - Micro Commercial Components

  DB157 Datasheet HTML 1Page - Micro Commercial Components DB157 Datasheet HTML 2Page - Micro Commercial Components DB157 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DB151
THRU
DB157
1.5 Amp Single Phase
Bridge Rectifier
50 to 1000 Volts
Features
4- pin DIP Package and Low Profile Package
UL Recognized File # E165989
High Surge Current Capability
Maximum Ratings
Operating Temperature: -55 C to +150 C
Storage Temperature: -55 Cto +150 C
MCC
Part
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
DB151
DB151
50V
35V
50V
DB152
DB152
100V
70V
100V
DB153
DB153
200V
140V
200V
DB154
DB154
400V
280V
400V
DB155
DB155
600V
420V
600V
DB156
DB156
800V
560V
800V
DB157
DB157
1000V
700V
1000V
Electrical Characteristics @ 25 C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.5 A
TA = 40 C
Peak Forward Surge
Current
IFSM
50A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.1V
IFM = 1.5A(Note 2)
TA = 25 C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10 A
500uA
TA = 25 C
TA = 125 C
Typical Junction
Capacitance
CJ
25pF
Measured at
1.0MHz, VR=4.0V
2.Pulse Test: Pulse Width 300 sec, Duty Cycle 1%
DB-1
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
TM
Micro Commercial Components
DIMENSIONS
DIM
MIN
MAX
MIN
MAX
NOTE
A
.316
.335
8.05
8.51
B
.245
.255
6.20
6.50
C
.300
.350
7.60
8.90
D
.236
.299
6.01
7.60
E
.102
.1
30
2.60
3.
30
A
BC
D
E
G
H
+
-
~
~
Notch
F
H
G
INCHES
MM
.060
1.50
Typ
.195
.016
.022
.41
.56
.205
5.00
5.20
F
Typ
www.mccsemi.com
1 of 3
Thermal Resistance : Rthja:
40 C/W; RthJL:15 C/W
• Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
Revision: A
2011/01/01


Similar Part No. - DB157

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DB157 RECTRON-DB157 Datasheet
20Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
Dc Components
DB157 DCCOM-DB157 Datasheet
377Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Formosa MS
DB157 FORMOSA-DB157 Datasheet
34Kb / 2P
SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS
DB157 FORMOSA-DB157 Datasheet
62Kb / 2P
SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS
logo
Galaxy Semi-Conductor H...
DB157 BILIN-DB157 Datasheet
69Kb / 2P
SILICON BRIDGE RECTIFIERS
More results

Similar Description - DB157

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SDB151L MCC-SDB151L Datasheet
102Kb / 2P
1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
RB151 MCC-RB151_08 Datasheet
108Kb / 3P
1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
SDB151 MCC-SDB151 Datasheet
86Kb / 3P
1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
W005M MCC-W005M_04 Datasheet
153Kb / 2P
1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Kwang Myoung I.S. CO.,L...
W005M KISEMICONDUCTOR-W005M Datasheet
581Kb / 2P
1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
RB-156 MCC-RB-156 Datasheet
240Kb / 3P
1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
W10M-BP MCC-W10M-BP Datasheet
321Kb / 3P
1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
RB151 MCC-RB151_13 Datasheet
279Kb / 3P
1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
SDB151L MCC-SDB151L_14 Datasheet
150Kb / 3P
1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
W005M MCC-W005M_13 Datasheet
342Kb / 3P
1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com