Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT4060A Datasheet(PDF) 9 Page - Active-Semi, Inc

Part # ACT4060A
Description  Wide Input 2A Step Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4060A Datasheet(HTML) 9 Page - Active-Semi, Inc

Back Button ACT4060A Datasheet HTML 4Page - Active-Semi, Inc ACT4060A Datasheet HTML 5Page - Active-Semi, Inc ACT4060A Datasheet HTML 6Page - Active-Semi, Inc ACT4060A Datasheet HTML 7Page - Active-Semi, Inc ACT4060A Datasheet HTML 8Page - Active-Semi, Inc ACT4060A Datasheet HTML 9Page - Active-Semi, Inc ACT4060A Datasheet HTML 10Page - Active-Semi, Inc ACT4060A Datasheet HTML 11Page - Active-Semi, Inc ACT4060A Datasheet HTML 12Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ACT4060A
Rev 1, 25-Jun-09
Innovative Power
TM
- 9 -
www.active-semi.com
Copyright © 2009 Active-Semi, Inc.
Figure 5:
ACT4060A 5V/2A Output Application
: D1 is a 40V, 3A Schottky diode with low forward voltage, an IR 30BQ040 or SK34 equivalent. C4 can be either a ceramic capacitor
(Panasonic ECJ-3YB1C226M) or SP-CAP (Specialty Polymer) Aluminum Electrolytic Capacitor such as Panasonic EEFCD0J470XR.
The SP-Cap is based on aluminum electrolytic capacitor technology, but uses a solid polymer electrolyte and has very stable
capacitance characteristics in both operating temperature and frequency compared to ceramic, polymer, and low ESR tantalum
capacitors.
ITEM
DESCRIPTION
MANUFACTURER
QTY
REFERENCE
1
IC, ACT4060A
Active-Semi
1
U1
2
15µH ± 20%, ISAT =2.7A, IDC = 2.4A@ ΔT = 40°C
Taiyo Yuden NR 8040T 150M
1
L1
15µH ± 10%, ISAT = 2.88A, IDC = 2.47A@ ΔT = 40°C Wurth Electronik 744776115
3
Schottky Diode SK34/40V, 3A, SMB
Transys electronics
1
D1
Schottky Diode B340C/40V, 3A, SMB
Diodes Inc
4
Ceramic cap 10µF/35V, X7R, 1210
Murata, TDK, Taiyo Yuden
1
C1
5
Ceramic cap 2.2nF/6.3V, X7R, 0603
Murata, TDK, Taiyo Yuden
1
C2
6
Ceramic cap 10nF/50V, X7R, 0603
Murata, TDK, Taiyo Yuden
1
C3
7
Ceramic cap 22µF/10V, X7R, 1210
Murata, TDK, Taiyo Yuden
1
C4
SP cap 47µF/6.3V, 50mΩ
Kemet, Panasonic
8
Resistor, 28.7kΩ, 1/16W, 1%, 0603
FengHua, Neohm, Yageo
1
R1
9
Resistor, 10kΩ, 1/16W, 1%, 0603
R2
10
Resistor, 15kΩ, 1/16W, 5%, 0603
R3
Table 4:
ACT4060A Bill of Materials (Apply for 5V Output Application)
IC1
ACT4060A
BS
IN
EN
COMP
FB
SW
G
ENABLE
Up to 24V
+
VIN
VOUT
R1
D1
C4
R2
R3
C1
C2
L1
C3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com