Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFPA0133 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFPA0133
Description  3 TO 5 V PROGRAMMABLE GAIN HIGH EFFICIENCY POWER AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA0133 Datasheet(HTML) 4 Page - RF Micro Devices

  RFPA0133 Datasheet HTML 1Page - RF Micro Devices RFPA0133 Datasheet HTML 2Page - RF Micro Devices RFPA0133 Datasheet HTML 3Page - RF Micro Devices RFPA0133 Datasheet HTML 4Page - RF Micro Devices RFPA0133 Datasheet HTML 5Page - RF Micro Devices RFPA0133 Datasheet HTML 6Page - RF Micro Devices RFPA0133 Datasheet HTML 7Page - RF Micro Devices RFPA0133 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4 of 8
RFPA0133
DS100803
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Note: The 8dB and 16dB gain steps are approximate for small signal operation. As the device compresses, the values of the
gain steps compress as well. The output power table on page two shows the effect of the gain steps for saturated (0dBm input)
operation.
Pin
Function
Description
1,4,5,
7,8,
11, 15
NC
These pins may be left unconnected or soldered to ground.
2
GND
Ground connection. Keep traces physically short and connect immediately to the ground plane for best perfor-
mance.
3
RF IN
Amplifier RF input. The amplifier does not contain internal DC blocking and, therefore, should be externally DC
blocked before connecting to any device which has DC present or which contains a DC path to ground.
6
VPD
Power down control voltage. When this pin is at 0V, the device will be in power down mode, dissipating minimum
DC power. When this pin is at 3V the device will be in full power mode delivering maximum gain and output
power capability. This pin should not, in any circumstance, be higher than 3.3V. This pin should also have an
external UHF and HF bypassing capacitor. Typically VBIAS=VPD=3.0V.
9,10
RF
OUT/VCC2
Amplifier RF output. This is an unmatched collector output of the final amplifier transistor. Bias for the final
power amplifier output transistor must also be provided through one of these pins. Pins 9 and 10 should be
used for the RF output with a matching network that presents the optimum load impedance to the PA for maxi-
mum power and efficiency, as well as providing DC blocking at the output.
12
G8
RF output power gain control 8dB bit (see specification table for logic). The control voltage at this pin should
never exceed 3.3V and a logic high should be at least 1.7V. This pin should also have an external UHF bypassing
capacitor. See note.
13
G16
RF output power gain control 16dB bit (see specification table for logic). The control voltage at this pin should
never exceed 3.3V and a logic high should be at least 1.7V. This pin should also have an external UHF bypassing
capacitor. See note.
14
VCC1
Positive supply for the first stage (driver) amplifier. This is an unmatched transistor collector output.
16
VBIAS
Positive supply for the bias circuits. This pin should be bypassed with a single UHF capacitor, placed as close as
possible to the package. Typically, VBIAS=VPD=3.0V.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com