Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFSA2614SQ Datasheet(PDF) 9 Page - RF Micro Devices

Part # RFSA2614SQ
Description  PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50-4000MHz, 6-BIT, 0.5dB LSB
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA2614SQ Datasheet(HTML) 9 Page - RF Micro Devices

  RFSA2614SQ Datasheet HTML 1Page - RF Micro Devices RFSA2614SQ Datasheet HTML 2Page - RF Micro Devices RFSA2614SQ Datasheet HTML 3Page - RF Micro Devices RFSA2614SQ Datasheet HTML 4Page - RF Micro Devices RFSA2614SQ Datasheet HTML 5Page - RF Micro Devices RFSA2614SQ Datasheet HTML 6Page - RF Micro Devices RFSA2614SQ Datasheet HTML 7Page - RF Micro Devices RFSA2614SQ Datasheet HTML 8Page - RF Micro Devices RFSA2614SQ Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9 of 9
RFSA2614
DS110126
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Board Bill of Materials
Package Drawing
Description
Reference Designator
Manufacturer
Manufacturer's P/N
PCB
SA26x4410(C)
CAP, 680pF, 10%, 50V, X7R, 0402
C13, C15, C16, C17
Murata
GRM155R71H681KA01E
CAP, 470pF, 10%, 50V, X7R, 0402
C11, C12, C19, C20
Murata
GRM155R71H471KA01E
CAP, 1000pF, 10%, 50V, X7R, 0402
C7
Taiyo Yuden (USA), Inc.
RM UMK105BJ102KV-F
RES, 0
, 0402
R1-R6. R8
Kamaya, Inc
RMC1/16SJPTH
DNI
R7, C1-C6, C8, C9, C14, C18-C20
CONN, SMA, END LNCH, UNIV, HYB MNT, FLT J1, J2, J99, J100
Heilind Electronics
PER MAT-21-1038
CONN, HDR, ST, PLRZD, 9-PIN
P1
ITW Pancon
MPSS100-9-C
RFSA2614SB
U1
RFMD
RFSA2614
4.000±0 .050
4.000± 0.050
BY MARKING
PIN 1 DOT
PIN #1 IDENTIFIC ATION
CHAMFER 0.300 X 45°
0.40 0±0.050
2.70 0±0.050
Exp.DAP
2.700± 0.050
Exp.DAP
0.500 Bsc
0.25 0±0.050
0.000-.05 0
SA2614
TOP VIEW
YYWW
SIDE VIEW
2.500
Ref.
BOTTOM VIEW
.203 Ref.
.850±0.050
Trace Code
YYWW = Date Code, where YY=year, WW=week
Trace Code to be assigned by assembly SubCon



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com