Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFVC1800 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFVC1800
Description  WIDEBAND MMIC VCO WITH BUFFER AMPLIFIER, 8 GHz to 12 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFVC1800 Datasheet(HTML) 4 Page - RF Micro Devices

  RFVC1800 Datasheet HTML 1Page - RF Micro Devices RFVC1800 Datasheet HTML 2Page - RF Micro Devices RFVC1800 Datasheet HTML 3Page - RF Micro Devices RFVC1800 Datasheet HTML 4Page - RF Micro Devices RFVC1800 Datasheet HTML 5Page - RF Micro Devices RFVC1800 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4 of 6
DS100527
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RFVC1800
Pin Out
Pin
Function
Description
1-3, 5-11, 13, 17-24
NC
No internal connection. Connect to PCB ground.
4
VTUNE
VCO control voltage input.
12
VS
Supply voltage input for the VCO and Buffer stage.
14, 16
GND
Pin internally bonded to package paddle. Connect to PCB ground.
15
RFOUT
VCO RF output. Pin is internally DC-blocked.
Paddle
GND
Exposed paddle on backside needs to be soldered to PCB ground.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com