Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFVC1802PCK-410 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFVC1802PCK-410
Description  WIDEBAND MMIC VCO WITH BUFFER AMPLIFIER, 4GHZ TO 8GHZ
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFVC1802PCK-410 Datasheet(HTML) 1 Page - RF Micro Devices

  RFVC1802PCK-410 Datasheet HTML 1Page - RF Micro Devices RFVC1802PCK-410 Datasheet HTML 2Page - RF Micro Devices RFVC1802PCK-410 Datasheet HTML 3Page - RF Micro Devices RFVC1802PCK-410 Datasheet HTML 4Page - RF Micro Devices RFVC1802PCK-410 Datasheet HTML 5Page - RF Micro Devices RFVC1802PCK-410 Datasheet HTML 6Page - RF Micro Devices RFVC1802PCK-410 Datasheet HTML 7Page - RF Micro Devices RFVC1802PCK-410 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1 of 8
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
BiFET HBT
LDMOS
0
1
2
3
4
5
6
7
3
4
5
6
7
8
9
10
0
2
4
6
8
10
121416
18
POUT (dBm)
Freq (GHz)
VTUNE (V)
Frequency and Output Power versus VTUNE
(VS=5V, T=25°C)
Freq
Pout
Evaluatio n Board
RFVC1802
WIDEBAND MMIC VCO WITH BUFFER
AMPLIFIER, 4GHZ TO 8GHZ
RFMD’s RFVC1802 wideband Voltage Controlled Oscillator is a GaAs InGaP HBT
MMIC with integrated VCO core and RF output buffer. The part operates from a sin-
gle +5V supply for circuit bias and 0V to +18V VTUNE for frequency control. The
RFVC1802 is a RoHS Compliant, compact QFN, 4mmx4mm package that offers
low phase noise and low power consumption.
Features
Wideband Performance
POUT=+4.0dBm Typical
External Resonator Not Required
Single Bias Supply: +5V at 53mA
Output Phase Noise: -99dBc/Hz
at 100kHz
Low Profile 4mmx4mm QFN
RoHS Compliant
Applications
Military - Radar,
Communications, ECM/IED
Satcomm - Communication
Modems
Test Instrumentation
Industrial/Medical Equipment
DS100615
Package: QFN, 4mmx4mmx1.1mm
RFVC1802
Wideband
MMIC VCO
with Buffer
Amplifier,
4GHz to 8GHz
RFVC1802S2
2 pc Sample Bag
RFVC1802PCK-410 Fully Assembled Evaluation Board
RFVC1802
5 pcs or more


Similar Part No. - RFVC1802PCK-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFVC1802PCK-410 RFMD-RFVC1802PCK-410 Datasheet
625Kb / 6P
Wideband MMIC VCO with Buffer Amplifier 4GHz to 8GHz
More results

Similar Description - RFVC1802PCK-410

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC588LC4B HITTITE-HMC588LC4B Datasheet
261Kb / 6P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 8.0 - 12.5 GHz
logo
RF Micro Devices
RFVC1800 RFMD-RFVC1800 Datasheet
953Kb / 6P
WIDEBAND MMIC VCO WITH BUFFER AMPLIFIER, 8 GHz to 12 GHz
RFVC1801 RFMD-RFVC1801 Datasheet
510Kb / 8P
WIDEBAND MMIC VCO WITH BUFFER AMPLIFIER, 5GHZ TO 10GHZ
RFVC1800 RFMD-RFVC1800_14 Datasheet
656Kb / 6P
Wideband MMIC VCO with Buffer Amplifier 8GHz to 12GHz
RFVC1801 RFMD-RFVC1801_14 Datasheet
614Kb / 6P
Wideband MMIC VCO with Buffer Amplifier 5GHz to 10GHz
RFVC1802 RFMD-RFVC1802_14 Datasheet
625Kb / 6P
Wideband MMIC VCO with Buffer Amplifier 4GHz to 8GHz
logo
Analog Devices
HMC586LC4B AD-HMC586LC4B Datasheet
280Kb / 6P
WIDEBAND MMIC VCO w/ BUFFER
HMC733LC4B AD-HMC733LC4B Datasheet
318Kb / 6P
WIDEBAND MMIC VCO w/ BUFFER
HMC6380LC4B AD-HMC6380LC4B Datasheet
439Kb / 6P
WIDEBAND MMIC VCO WITH BUFFER AMPLIFIER
HMC6475LC4B AD-HMC6475LC4B Datasheet
583Kb / 4P
WIDEBAND MMIC VCO WITH BUFFER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com