Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8342 Datasheet(PDF) 11 Page - Active-Semi, Inc

Part # ACT8342
Description  Three Channel Integrated Power Management IC for Handheld Portable Equipment
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8342 Datasheet(HTML) 11 Page - Active-Semi, Inc

Back Button ACT8342 Datasheet HTML 7Page - Active-Semi, Inc ACT8342 Datasheet HTML 8Page - Active-Semi, Inc ACT8342 Datasheet HTML 9Page - Active-Semi, Inc ACT8342 Datasheet HTML 10Page - Active-Semi, Inc ACT8342 Datasheet HTML 11Page - Active-Semi, Inc ACT8342 Datasheet HTML 12Page - Active-Semi, Inc ACT8342 Datasheet HTML 13Page - Active-Semi, Inc ACT8342 Datasheet HTML 14Page - Active-Semi, Inc ACT8342 Datasheet HTML 15Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
ACT8342
Rev 3, 11-Sep-09
STEP-DOWN DC/DC CONVERTER
Innovative PowerTM
- 11 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMUTM is a trademark of Active-Semi.
FUNCTIONAL DESCRIPTION
General Description
REG1
is
a
fixed-frequency,
current-mode,
synchronous PWM step-down converters that
achieves a peak efficiency of up to 97%. REG1 is
capable of supplying up to 350mA of output current
and operates with a fixed frequency of 1.6MHz,
minimizing noise in sensitive applications and
allowing the use of small external components.
REG1 is available with a variety of standard and
custom output voltages, as well as an adjustable
output voltage option.
100% Duty Cycle Operation
REG1 is capable of operating at up to 100% duty
cycle. During 100% duty-cycle operation, the
high-side power MOSFET is held on continuously,
providing a direct connection from the input to the
output (through the inductor), ensuring the lowest
possible dropout voltage in battery-powered
applications.
Synchronous Rectification
REG1
features
an
integrated
n-channel
synchronous rectifier, which maximizes efficiency
and minimizes the total solution size and cost by
eliminating the need for an external rectifier.
Enabling and Disabling REG1
REG1 is enabled or disabled using ON1. Drive ON1
to a logic-high to enable REG1. Drive ON1 to a
logic-low to disable REG1, reducing supply current
to less than 1µA.
Soft-Start
REG1 includes internal soft-start circuitry, and
enabled its output voltage tracks an internal 80µs
soft-start ramp so that it powers up in a monotonic
manner that is independent of loading.
Compensation
REG1
utilizes
current-mode
control
and
a
proprietary internal compensation scheme to
simultaneously
simplify
external
component
selection and optimize transient performance over
its full operating range. No compensation design is
required, simply follow a few simple guidelines
described
below
when
choosing
external
components.
Input Capacitor Selection
The input capacitor reduces peak currents and
noise induced upon the voltage source. A 2.2µF
ceramic input capacitor is recommended for most
applications.
Output Capacitor Selection
For most applications, a 10µF ceramic output
capacitor is recommended. Although REG1 was
designed to take advantage of the benefits of
ceramic capacitors, namely small size and very-low
ESR, low-ESR tantalum capacitors can provide
acceptable results as well.
Inductor Selection
REG1
utilizes
current-mode
control
and
a
proprietary internal compensation scheme to
simultaneously
simplify
external
component
selection and optimize transient performance over
its full operating range. REG1 was optimized for
operation with a 3.3µH inductor, although inductors
in the 2.2µH to 4.7µH range can be used. Choose
an inductor with a low DC-resistance, and avoid
inductor saturation by choosing inductors with DC
ratings that exceed the maximum output current of
the application by at least 30%.
Thermal Shutdown
The
ACT8342
integrates
thermal
shutdown
protection circuitry to prevent damage resulting
from excessive thermal stress, as may be
encountered under fault conditions. This circuitry
disables all regulators if the ACT8342 die
temperature exceeds 160°C, and prevents the
regulators from being enabled until the IC
temperature drops by 20°C (typ).
Output Voltage Programming
Figure 4 shows the feedback network necessary to
set the output voltage when using the adjustable
output voltage option. Select components as
follows: Set RFB2 = 51KΩ, then calculate RFB1 using
the following equation:
Where VFB is 0.625V
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
=
1
V
V
R
R
FB
1
OUT
2
FB
1
FB
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com