Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM516 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # EM516
Description  1.0 Amp General Purpose Plastic Rectifier 1600 to 2000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

EM516 Datasheet(HTML) 2 Page - Micro Commercial Components

  EM516 Datasheet HTML 1Page - Micro Commercial Components EM516 Datasheet HTML 2Page - Micro Commercial Components EM516 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
INSTANTANEOUS FORWARD VOLTAGE,(V)
FIG.5-TYPICAL JUNCTION CAPACITANCE
T =2
5oC
=50mV
1
0.1
10
sig
V
j
f=1MHz
REVRESE VOLTAGE,(V)
1.0
10
p-p
100
0.6
0.1
0.01
0.4
1% Duty Cycle
Pulse Width=300us
1.2
1.0
0.8
1.6
1.4
REVERSE VOLTAGE,(%)
PERCENT OF RATED PEAK
T =2
5oC
100
1.8
0
0.1
0.01
40
20
100
60
80
j
140
120
FIG.1-TYPICAL FORWARD CURRENT
0.375"(9.5mm)
AMBIENT TEMPERATURE, (oC)
FIG.3-TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
1.0
10
25
0
0.2
0
T =
25
oC
j
100
75
50
Lead Length
150
125
Inductive Load
Resistive or
Half Wave 60Hz
Single Phase
DERATING CURVE
1.2
1.0
0.8
0.4
0.6
(JEDEC Method)
=T
8
NUMBER OF CYCLES AT 60 Hz
FIG.4-TYPICAL REVERSE
CHARACTERISTICS
FORWARD SURGE CURRENT
8.3ms Single Half Sine-Wave
FIG.2-MAXIMUM NON-REPETITIVE PEAK
T =100
oC
175
20
1.0
10
j
1 Cycle
0
1
6
4
2
30
20
10
10
20
60
40
80 100
j max
Tj
MCC
TM
Micro Commercial Components
EM513 THRU EM518
www.mccsemi.com
2 of 3
Revision: A
2011/01/01



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com