Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ER302 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # ER302
Description  3 Amp Super Fast Recovery Rectifier 50 to 600 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

ER302 Datasheet(HTML) 2 Page - Micro Commercial Components

  ER302 Datasheet HTML 1Page - Micro Commercial Components ER302 Datasheet HTML 2Page - Micro Commercial Components ER302 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ER300 thru ER306
MCC
RATING AND CHARACTERISTIC CURVES
t
Revision: A
2011/01/01
TM
Micro Commercial Components
℃
℃
NOTE:1.Rise Time = 7ns max.
Input Impedance = 1 megohm.
22pF
2.Rise Time = 10ns max.
Source Impedance = 50 Ohms
rr
+0.5A
0
-0.25
-1.0
SET TIME
1cm
BASE FOR
50 ns/cm
4.0
3.0
2.0
1.0
0
50
75
100
125
150
175
200
.375" 9.5mm LENGTH
AMBIENT TEMPERATURE,
Fig. 1-REVERSE RECOVERY TIME CHARACTERISTIC AND
TEST CIRCUIT DIAGRAM
Fig. 2-MAXIMUM AVERAGE FORWARD
CURRENT RATING
℃
℃
℃
1,000
100
1
1.0
T
J = 100
T
J = 75
T
J = 25
100
10
1
0.1
0.01
ER303 ~ ER304
ER300 ~ ER302
ER306
200
125
75
35
1
5
10
50
100
8.3ms SINGLE HALF SINE
WAVE JEDEC METHOD
NUMBER OF CYCLES AT 60Hz
100
10
5
1
10
100
REVERSE VOLTAGE, VOLTS
Fig. 5-MAXIMUM NON-REPETITIVE SURGE CURRENT
Fig. 6-TYPICAL JUNCTION CAPACITANCE
40
60
80
100
120
140
TED PEAK INVERSE VOLTAGE, VOLTS
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
TJ = 25
PULSE WIDTH = 300uS
2% DUTY CYCLE
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig. 3-TYPICAL REVERSE CHARACTERISTICS
Fig. 4-FORWARD CURRENT DERATING CURVE
TJ = 25
f = 1.0MHz
Vsig = 50mVp-p
0
20
0.
0.01
PERCENT OF RA
www.mccsemi.com
2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com