Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDA6V1L Datasheet(PDF) 2 Page - Micro Commercial Components

Part # ESDA6V1L
Description  6.1Volts ESD Protection Device
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

ESDA6V1L Datasheet(HTML) 2 Page - Micro Commercial Components

  ESDA6V1L Datasheet HTML 1Page - Micro Commercial Components ESDA6V1L Datasheet HTML 2Page - Micro Commercial Components ESDA6V1L Datasheet HTML 3Page - Micro Commercial Components ESDA6V1L Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted)
www.mccsemi.com
2 of 4
Symbol
Parameter
V
W
M
Stand-off voltage
VBR
Breakdown voltage
VCL
Clamping voltage
IRM
Leakage current
IPP
Peak pulse current
αT
Voltage temperature coefficient
C
Capacitance
Rd
Dynamic resistance
VF
Forward voltage drop
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Breakdown voltage
IR=1.0mA
VBR
6.1
6.65
7.2
V
Leakage current
V
W
M=5.25V
IR
-
-
20
µA
Capacitance
0V bias
C
-
140
-
pF
Forward voltage drop
IF=200mA
VF
-
-
1.25
V
MCC
TM
Micro Commercial Components
ESDA6V1L
Revision: A
2011/01/01



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com