Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR545 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # MBR545
Description  5 Amp Schottky Barrier Rectifier 45 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBR545 Datasheet(HTML) 2 Page - Micro Commercial Components

  MBR545_08 Datasheet HTML 1Page - Micro Commercial Components MBR545_08 Datasheet HTML 2Page - Micro Commercial Components MBR545_08 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATING AND CHARACTERISTIC CURVES
MBR545
FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
1
5
10
50
100
2
20
0
50
100
150
200
250
300
FIG.1 - FORWARD CURRENT DERATING CURVE
25
75
100
125
150
1
0
50
4
175
CASE TEMPERATURE , C
8.3ms Single Half-Sine-Wave
(JEDEC METHOD)
3
0
2
RESISTIVE OR
INDUCTIVE LOAD
INSTANTANEOUS FORWARD VOLTAGE , VOLTS
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
0.2
0.3
0.7
0.8
1.0
10
100
0.4
0.5
0.6
0.1
1.0
0.9
PULSE WIDTH 300ua
INSTANTANEOUS FORWARD VOLTAGE , VOLTS
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
0.1
1.0
10
100
0.1
PULSE WIDTH 300us
2% Duty cycle
TJ = 25 C
5
PERCENT OF RATED PEAK REVERSE VOLTAGE ,(%)
FIG.3 - TYPICAL REVERSE CHARACTERISTICS
20
40
120
140
0
0.01
1.0
10
1000
100
60
80
100
TJ = 100 C
0.1
TJ = 25 C
TJ = 75 C
MBR530-MBR545
MBR550-MBR560
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE , VOLTS
10
1
100
10000
1000
100
0.1
4
TJ = 25 C, f= 1MHz
MCC
Revision:
6
200
8/01/01
TM
Micro Commercial Components
www.mccsemi.com
2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com