Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS70 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BAS70
Description  200m Watts Surface Mount Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAS70 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BAS70_07 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAS70_07 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
- 14 -
Features
Low turn-on voltage
Fast switching
PN junction guard Ring for transient and ESD
protection
Mechanical Data
Case: SOT-23, Molded plastic
Terminals: Solderable per MIIL-STD-202,
Method 208
Marking & Polarity: See diagram
Weight: 0.008 grams
Maximum Ratings
TA=25
oC unless otherwise specified
Type Number
Symbol
BAS70
Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
70
V
RMS Reverse Voltage
VR(RMS)
49
V
Forward Continuous Current (Note 1)
IF
70
mA
Non-Repetitive Peak Forward Surge Current
@ t
≦1.0s
IFSM
100
mA
Power Dissipation (Note 1)
Pd
200
mW
Thermal Resistance Junction to Ambient Air
(Note 1)
RθJA
625
K/W
Operating Junction Temperature Range
TJ
-55 to + 125
oC
Storage Temperature Range
TSTG
-65 to + 150
oC
Electrical Characteristics
Type Number
Symbol
Min
Max
Units
Reverse Breakdown Voltage (Note 2), IR=10uA
V(BR)
70
Reverse Leakage Current tp<300us, VR=50V
IR
_
100
nA
Forward Voltage Drop
tp=300us, IF=1.0mA
tp<300us, IF=15mA
VF
_
410
1000
mV
Junction Capacitance
VR=0, f=1.0MHz
Cj
_
2.0
pF
Reverse Recovery Time (Note 3)
trr
_
5.0
nS
Notes:
1. Valid Provided that Terminals are Kept at Ambient Temperature.
2. Test Period < 3000uS.
3. Reverse Recovery Test Conditions: IF=IR=10mA, Irr=1.0mA, RL=100
Ω.
Version: C07
BAS70 / -04 / -05 / -06
200m Watts Surface Mount Schottky Barrier Diode
SOT-23
0.020(0.51)
0.015(0.37)
0.055(1.40)
0.047(1.19)
0.098(2.50)
0.083(2.10)
0.024(0.61)
0.018(0.45)
0.007(0.178)
0.003(0.076)
0.024(0.61)
0.018(0.45)
0.080(2.05)
0.070(1.78)
0.041(1.05)
0.047(0.89)
0.120(3.05)
0.104(2.65)
0.006(0.15)
0.001(0.013)
0.043(1.10)
0.035(0.89)
BAS70-05Marking:75
BAS70-06Marking:76
BAS70-04Marking:74
BAS70Marking:73


Similar Part No. - BAS70_07

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS70-07 PHILIPS-BAS70-07 Datasheet
61Kb / 8P
Schottky barrier double diodes
1999 Jun 01
logo
STMicroelectronics
BAS70-07 STMICROELECTRONICS-BAS70-07 Datasheet
53Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Jun-1999
logo
Infineon Technologies A...
BAS70-07 INFINEON-BAS70-07 Datasheet
553Kb / 12P
Silicon Schottky Diode
Feb-03-2003
logo
NXP Semiconductors
BAS70-07 PHILIPS-BAS70-07 Datasheet
137Kb / 20P
General-purpose Schottky diodes
Rev. 08-4 May 2006
logo
Guangdong Kexin Industr...
BAS70-07 KEXIN-BAS70-07 Datasheet
36Kb / 1P
Schottky Barrier (Double) Diodes
More results

Similar Description - BAS70_07

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5711WS DIODES-1N5711WS Datasheet
64Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS31033 Rev. 12 - 2
BAS70W DIODES-BAS70W Datasheet
53Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30113 Rev. A-2
logo
Won-Top Electronics
BAS40WS WTE-BAS40WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717 WTE-MMBD717 Datasheet
44Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717WS WTE-MMBD717WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS0520 WTE-SS0520_06 Datasheet
51Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
GTM CORPORATION
GD420SD GTM-GD420SD Datasheet
161Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
BAS70 TSC-BAS70 Datasheet
113Kb / 2P
200m Watts Surface Mount Schottky Barrier Diode
BAT54 TSC-BAT54_1 Datasheet
146Kb / 2P
200m Watts Surface Mount Schottky Barrier Diode
BAT54T TSC-BAT54T Datasheet
464Kb / 2P
200m Watts Surface Mount Schottky Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com