Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM32019P Datasheet(PDF) 1 Page - Sharp Corporation

Part # LM32019P
Description  Medium Size Graphic Type LCD Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LM32019P Datasheet(HTML) 1 Page - Sharp Corporation

  LM32019P Datasheet HTML 1Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
New Product
LM32019P
Medium Size Graphic Type LCD Module
Features
n
14 cm [5.7"] QVGA format
n
Mechanically compatible with LM32019T
n
Black & white display
Specifications
Parameter
Unit
Parameter
Unit
Display size
14 [5.7]
cm [ "]
Brightness
70
cd/m2
Dot format (H x V)
320 x 240
dot
Duty ratio
1/240
-
Dot pitch (H x V)
0.36 x 0.36
mm
Backlight type
1CCFT(E)
-
Active area (H x V)
115.2 x 86.4
mm
Power consumption panel
46
mW
Panel type
FSTN (Nega)
-
Backlight
1 450
mW
Panel mode
Transmissive
-
Outline dimensions (W x H x D) 160.0(166.0) x 109.0 x 7.5
mm
Color
B/W
color
Weight
160
g
Contrast ratio
10 : 1
-
Operating temperature
0 to +45
∞C
Response time
- [520]
ms
Storage temperature
-25 to +60
∞C
Outline Dimensions
unit : mm
0.33
0.36P
(115.17X86.37)
ACTIVE AREA
166
PIN1
PIN12
39
10.615
7.5
68.2
45
CN2
BHR-03VS-1(JST)
BEZEL OPENING AREA
121
7.5
7.5
11.3
CN1
160
BEZEL OPENING CENTER LINE
151.7
2.8
3- 3


Similar Part No. - LM32019P

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LM32019 SHARP-LM32019 Datasheet
64Kb / 1P
Medium Size Graphic Type LCD Module
LM3201921 SHARP-LM3201921 Datasheet
1Mb / 26P
DEVICE SPECIFICATION for Passive Matrix LCD Module
logo
Shenzhen TOPWAY Technol...
LM32019CCW TOPWAY-LM32019CCW Datasheet
1,005Kb / 14P
LCD Module User Manual
LM32019CCW-3C TOPWAY-LM32019CCW-3C Datasheet
1Mb / 12P
LCD Module User Manual
LM32019CFW TOPWAY-LM32019CFW Datasheet
1,000Kb / 14P
LCD Module User Manual
More results

Similar Description - LM32019P

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LM24014H SHARP-LM24014H Datasheet
15Kb / 1P
Medium Size Graphic Type LCD Module
LM24P20 SHARP-LM24P20 Datasheet
52Kb / 1P
Medium Size Graphic Type LCD Module
LM32010P SHARP-LM32010P Datasheet
35Kb / 1P
Medium Size Graphic Type LCD Module
LM32019T SHARP-LM32019T Datasheet
64Kb / 1P
Medium Size Graphic Type LCD Module
LM32K071 SHARP-LM32K071 Datasheet
71Kb / 1P
Medium Size Graphic Type LCD Module
LM32K101 SHARP-LM32K101 Datasheet
81Kb / 1P
Medium Size Graphic Type LCD Module
LM32P10 SHARP-LM32P10 Datasheet
81Kb / 1P
Medium Size Graphic Type LCD Module
LM32P18 SHARP-LM32P18 Datasheet
65Kb / 1P
Medium Size Graphic Type LCD Module
LM480261 SHARP-LM480261 Datasheet
75Kb / 1P
Medium Size Graphic Type LCD Module
LM038QB1R10 SHARP-LM038QB1R10 Datasheet
113Kb / 1P
Medium Size Graphic Type LCD Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com