Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV99S Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BAV99S
Description  250mW High Speed Switching Array
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAV99S Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BAV99S Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAV99S Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAV99S Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAV99S
250mW High Speed Switching Array
Small Signal Diode
High Reverse Breakdown Voltage Rating
Moisture sensitivity level 1
Matte Tin(Sn) lead finish with Nickel(Ni) underplate
Pb free version and RoHS compliant
Green compound (Halogen free) with suffix "G" on
Min
Max
Min
Max
1.80
2.00
0.071
0.079
1.15
1.35
0.045
0.053
0.15
0.30
0.006
0.012
Case : SOT-363 small outline plastic package
-
1.10
-
0.043
0.25
0.40
0.010
0.016
0.02
0.10
0.001
0.004
Ordering Information
Part No.
Package
Packing Code
Packing
Marking
SOT-363
BAV99S
3K / 7" Reel
RF
K1
SOT-363
BAV99S
3K / 7" Reel
RFG
K1
Maximum Ratings and Electrical Characteristics
Maximum Ratings
Notes:1. Pulse Width=1μ sec &1 sec
Unit (mm)
Unit (inch)
G
D
E
F
0.017
1.30 BSC
0.051 BSC
2.10 BSC
°C
J
IFsM
0.5
mA
IFRM
.
-65 to + 150
.
450
mW
Units
0.004 BSC
Case material-UL Flammability Rating 94V-0
Features
Mechanical Data
H
High temperature soldering guaranteed: 260°C/10s
packing code and prefix "G" on date code
Dimensions
A
B
C
Weight : 0.008 qram(approx.)
Symbol
Pin Configutation
Marking Code : K1
Non-Repetitive Peak Forward Surge Current(Note1)
Junction and Storage Temperature Range
PD
TJ, TSTG
Repetitive Peak Reverse Voltage
Type Number
Rating at 25°C ambient temperature unless otherwise specified.
Power Dissipation
250
SOT-363
Repetitive Peak Forward Current
Value
VRRM
85
Terminal: Matte tin plated, lead free,solderable
per MIL-STD-202, Method 208 guaranteed
Fast Switching Speed
Mean Forward Current
IO
200
mA
4.5
0.42
A
0.083 BSC
0.1 BSC
I
V
I
J
H
Version : B11


Similar Part No. - BAV99S

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAV99S SIEMENS-BAV99S Datasheet
42Kb / 4P
Silicon Switching Diode Array (For high-speed switching applications Connected in series Internal galvanic isolated Diodes in one package)
logo
Infineon Technologies A...
BAV99S INFINEON-BAV99S Datasheet
487Kb / 8P
Silicon Switching Diode
Mar-10-2004
logo
NXP Semiconductors
BAV99S PHILIPS-BAV99S Datasheet
68Kb / 12P
High-speed switching diode array
2001 May 14
logo
Pan Jit International I...
BAV99S PANJIT-BAV99S Datasheet
484Kb / 3P
HIGH SPEED SWITCHING DIODE ARRAY
logo
NXP Semiconductors
BAV99S NXP-BAV99S Datasheet
153Kb / 14P
High-speed switching diodes
Rev. 07-14 April 2010
More results

Similar Description - BAV99S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV756S PHILIPS-BAV756S Datasheet
73Kb / 12P
High-speed switching diode array
1997 Oct 21
logo
Siemens Semiconductor G...
BAV70 SIEMENS-BAV70 Datasheet
97Kb / 4P
Silicon Switching Diode Array (For high-speed switchingFor high-speed switching)
BAV74 SIEMENS-BAV74 Datasheet
96Kb / 4P
Silicon Switching Diode Array (For high-speed switching Common cathode)
BAW56S SIEMENS-BAW56S Datasheet
43Kb / 4P
Silicon Switching Diode Array (For high-speed switching applications Common anode)
logo
NXP Semiconductors
BAV99S PHILIPS-BAV99S Datasheet
68Kb / 12P
High-speed switching diode array
2001 May 14
logo
Pan Jit International I...
BAV99S PANJIT-BAV99S Datasheet
484Kb / 3P
HIGH SPEED SWITCHING DIODE ARRAY
logo
Micro Commercial Compon...
BAW156 MCC-BAW156 Datasheet
212Kb / 4P
250mW 75Volts Dual Switching Diode
BAW156 MCC-BAW156_13 Datasheet
256Kb / 4P
250mW 75Volt s Dual Switching Diode
logo
Taiwan Semiconductor Co...
BAV99S TSC-BAV99S_15 Datasheet
221Kb / 4P
250mW High Speed Switching Array
logo
Rectron Semiconductor
BAS316WSV RECTRON-BAS316WSV Datasheet
263Kb / 3P
250mW SOD-323 Fast Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com