Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM12C Datasheet(PDF) 2 Page - Micro Commercial Components

Part # SM12C
Description  12Volts ESD Protection Devices
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SM12C Datasheet(HTML) 2 Page - Micro Commercial Components

  SM12C Datasheet HTML 1Page - Micro Commercial Components SM12C Datasheet HTML 2Page - Micro Commercial Components SM12C Datasheet HTML 3Page - Micro Commercial Components SM12C Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
UNIDIRECTIONAL (Circuit tied to Pins 1 and 3 or 2 and 3)
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
IF
Forward Current
VF
Forward Voltage @ IF
Ppk
Peak Power Dissipation
C
Capacitance @VR=0 and f =1MHz
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted, V
F = 0.9 V Max. @ IF = 10mA for all types)
V
RWM (V)
I
R (
A)
@ V
RWM
V
BR (V)
@ I
T(Note 2)
I
T
VC
@IPP =1 A
Max I
PP
+
P
pk
+ (W)
C (pF)
Pin 1 to 3
Device
Device
Marking
Max
Max
Min
Max
mA
V
A
Max
Typ
+Surge current waveform per Figure 3
2. VBR is measured with a pulse test current IT at an ambient temperature of 25°C.
MCC
TM
Micro Commercial Components
www.mccsemi.com
2 of 4
SM12C
Revision:
A
20
11/01/01
12
1.0
13.3
15.75
1.0
19
11.2
300
9
5
12L



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com