Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR3045PT Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBR3045PT
Description  30.0AMPS. Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBR3045PT Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBR3045PT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBR3045PT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CREAT BY ART
UL Recognized File # E-326243
Metal silicon junction, majority carrier conduction
Low power loss, high efficiency
High current capability, low forward voltage drop
Guard-ring for overvoltage protection
Mechanical Data
MBR30XXPT
= Specific Device Code
G
= Green Compound
Y
= Year
WW
= Work Week
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
MBR
3035
PT
MBR
3045
PT
MBR
3050
PT
MBR
3060
PT
MBR
3090
PT
MBR
30100
PT
MBR
30150
PT
MBR
30200
PT
Unit
VRRM
35
45
50
60
90
100
150
200
V
VRMS
24
31
35
42
63
70
105
140
V
VDC
35
45
50
60
90
100
150
200
V
IF(AV)
A
IRRM
A
0.95
1.05
0.92
-
1.02
1.10
0.98
-
0.1
dV/dt
V/us
Cj
pF
RθjC
OC/W
TJ
OC
TSTG
OC
1.4
- 65 to + 150
- 65 to + 175
30
30
200
1
0.85
0.75
--
0.5
10
10000
320
MBR3035PT - MBR30200PT
30.0AMPS. Schottky Barrier Rectifiers
Marking Diagram
TO-3P/TO-247AD
Dimensions in inches and (millimeters)
Case: JEDEC TO-3P/TO-247AD molded plastic
Features
High surge capability
High temperature soldering guaranteed:
260℃/10 seconds/.17", (4.3mm) from case
Maximum Average Forward Rectified Current
Maximum Instantaneous Forward Voltage (Note 2)
IF=15A, TA=25℃
IF=15A, TA=125℃
IF=30A, TA=25℃
IF=30A, TA=125℃
VF
Peak Repetitive Reverse Surge Current (Note 1)
Storage Temperature Range
Note 2: Pulse Test : 300uS Pulse Width, 1% Duty Cycle
Maximum Reverse Current @ Rated VR TA=25 ℃
TA=125 ℃
IR
Voltage Rate of Change,(Rated VR)
Typical Junction Capacitance
600
460
Weight: 6.12 grams
Maximum Thermal Resistance Per Leg
Type Number
1
Version:G11
Note 1: 2.0uS Pulse Width, f=1.0KHz
Operating Temperature Range
A
A
--
2
V
0.75
0.65
mA
-
0.60
0.82
0.73
For use in low voltage - high frequency inventers,
free wheeling, and polarity protection applications
Plastic material used carriers Underwriters
Laboratory Classification 94V-0
Peak Repetitive Forward Current (Rated VR, Square
Wave, 20KHz) at Tc=105℃
IFRM
Polarity: As marked
Mounting torque: 10 in- lbs, max
Mounting position:Any
Terminals: Pure tin plated, lead free, solderable
per MIL-STD-750, Method 2026
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
IFSM
20
15
Maximum DC Blocking Voltage
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - MBR3045PT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MBR3045PT FAIRCHILD-MBR3045PT Datasheet
55Kb / 3P
Schottky Rectifiers
logo
Diodes Incorporated
MBR3045PT DIODES-MBR3045PT Datasheet
64Kb / 2P
30A SCHOTTKY BARRIER RECTIFIER
DS23017 Rev. E-2
logo
General Semiconductor
MBR3045PT GE-MBR3045PT Datasheet
74Kb / 2P
SCHOTTKY RECTIFIER
logo
Diodes Incorporated
MBR3045PT DIODES-MBR3045PT Datasheet
62Kb / 3P
30A SCHOTTKY BARRIER RECTIFIER
DS23017 Rev. 8 - 2
logo
Micro Commercial Compon...
MBR3045PT MCC-MBR3045PT Datasheet
1Mb / 3P
30 Amp Schottky Barrier Rectifier 20 to 60 Volts
More results

Similar Description - MBR3045PT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBR30H100CT TSC-MBR30H100CT Datasheet
128Kb / 2P
30.0AMPS. Schottky Barrier Rectifiers
MBR30L45CT TSC-MBR30L45CT Datasheet
129Kb / 2P
30.0AMPS Low VF Schottky Barrier Rectifiers
MBR30L120CT TSC-MBR30L120CT Datasheet
126Kb / 2P
30.0AMPS. Low VF Schottky Barrier Rectifiers
MBRI30100CT TSC-MBRI30100CT_11 Datasheet
142Kb / 2P
30.0AMPS Schottky Barrier Rectifier
MBR30L45CT TSC-MBR30L45CT_12 Datasheet
190Kb / 2P
30.0AMPS Low VF Schottky Barrier Rectifiers
MBR3035CT TSC-MBR3035CT_11 Datasheet
218Kb / 2P
30.0AMPS. Schottky Barrier Rectifiers
MBR30H100CT TSC-MBR30H100CT_13 Datasheet
228Kb / 3P
30.0AMPS. Schottky Barrier Rectifiers Low power loss, high efficiency
MBR3035CT TSC-MBR3035CT_13 Datasheet
234Kb / 3P
30.0AMPS. Schottky Barrier Rectifiers
SR3020PT TSC-SR3020PT_13 Datasheet
246Kb / 3P
30.0AMPS. Schottky Barrier Rectifiers
logo
Kersemi Electronic Co.,...
MBR30L45CT KERSEMI-MBR30L45CT Datasheet
893Kb / 2P
30.0AMPS Low VF Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com