Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF20L100CT Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBRF20L100CT
Description  20.0AMPS Isolated Low VF Schottky Barrier Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRF20L100CT Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBRF20L100CT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRF20L100CT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CREAT BY ART
High current capability, low forward voltage drop
High Surge current capability
Qualified as per AEC-Q101
Mechanical Data
G
= Green compound
Y
= Year
WW
= Work Week
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
Unit
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
IF(RMS)
A
IRRM
A
TYP
MAX
TYP
MAX
0.72
0.75
0.78
0.83
0.58
0.68
0.63
0.72
0.81
0.85
0.86
0.9
0.67
0.75
0.73
0.8
TYP
MAX
TYP
MAX
1.1
20
1
20
1.2
15
1.4
10
dV/dt
V/uS
Cj
pF
RθJC
OC/W
TJ
OC
TSTG
OC
Note3: Measure at 1MHz and Applied Reverse Voltage of 4.0V D.C.
uA
mA
5
A
Maximum Instantaneous Forward Voltage at (Note 2)
IF = 10A, TA=25℃
IF = 10A, TA=125℃
IF = 20A, TA=25℃
IF = 20A, TA=125℃
VF
V
Mounting torque: 5 in-lbs. Max.
Mounting position: Any
Plastic material used carries Underwriters Laboratory
Classifications 94V-0
For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
High temperature soldering guaranteed: 260℃/
10 seconds, 0.375"(9.5mm) lead lengths 5 lbs tension
Polarity: As marked
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Terminals: Pure tin plated, lead free, solderable
per MIL-STD-202, Method 208 guaranteed
Peak Repetitive Forward Current (Rated VR, Square Wave, 20KHz)
Peak Forward Surge Current, 8.3 ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC method)
Weight: 1.7 grams
Maximum RMS Voltage
Maximum Repetitive Peak Reverse Voltage
Version:C11
20.0AMPS Isolated Low VF Schottky Barrier Rectifier
Operating Temperature Range
Storage Temperature Range
Peak Repetitive Reverse Surge Current (Note 1)
Note1: 2.0uS Pulse Width, F=1.0KHz, Continues 10 Cycles
435
270
5.5
Maximum Average Forward Rectified Current
-55 to + 150
MBRF20L120CT
100
120
70
100
84
120
1
10,000
Maximum Thermal Resistance Per Leg
Voltage rate of change (Rated VR)
Type Number
Case: ITO-220AB
Maximum Ratings and Electrical Characteristics
IFSM
Maximum Reverse Current at Rated DC Blocking Voltage
TA=25 ℃
TA=125 ℃
IR
Typical Junction Capacitance (Note 3)
Maximum DC blocking voltage
Guard-ring for transient protection
Note2: Pulse Test : 300us Pulse Width, 1% Duty cycle
-55 to + 150
150
20
20
MBRF20L100CT
MBRF20L100CT - MBRF20L120CT
Dimensions in inches and (millimeters)
Marking Diagram
MBRF20LXXCT
= Specific Device Cod
Features
ITO-220AB
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - MBRF20L100CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRF20L100CT TSC-MBRF20L100CT Datasheet
240Kb / 3P
Dual Common Cathode Schottky Rectifier
MBRF20L100CTC0 TSC-MBRF20L100CTC0 Datasheet
240Kb / 3P
Dual Common Cathode Schottky Rectifier
MBRF20L100CTC0G TSC-MBRF20L100CTC0G Datasheet
240Kb / 3P
Dual Common Cathode Schottky Rectifier
MBRF20L100CTHC0 TSC-MBRF20L100CTHC0 Datasheet
240Kb / 3P
Dual Common Cathode Schottky Rectifier
MBRF20L100CT TSC-MBRF20L100CT_13 Datasheet
240Kb / 3P
Dual Common Cathode Schottky Rectifier
More results

Similar Description - MBRF20L100CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBR20L100CT TSC-MBR20L100CT_11 Datasheet
130Kb / 2P
20.0AMPS Low VF Schottky Barrier Rectifiers
MBRF10L100CT TSC-MBRF10L100CT Datasheet
185Kb / 2P
10.0AMPS Isolated Low VF Schottky Barrier Rectifier
MBRF30L45CT TSC-MBRF30L45CT_11 Datasheet
252Kb / 2P
30.0AMPS Isolated Low VF Schottky Barrier Rectifier
MBRF2060D TSC-MBRF2060D Datasheet
167Kb / 2P
20.0AMPS Isolated Schottky Barrier Rectifier
MBRI20100CT TSC-MBRI20100CT_11 Datasheet
139Kb / 2P
20.0AMPS Schottky Barrier Rectifier
SRF2020 TSC-SRF2020_11 Datasheet
190Kb / 2P
20.0AMPS. Isolated Schottky Barrier Rectifiers
MBRF20H100CT TSC-MBRF20H100CT_13 Datasheet
248Kb / 3P
20.0AMPS Isolated Schottky Barrier Rectifiers
SRF2020 TSC-SRF2020_13 Datasheet
247Kb / 3P
20.0AMPS. Isolated Schottky Barrier Rectifiers
logo
Chongqing Pingwei Enter...
PSA2045L CHONGQING-PSA2045L Datasheet
182Kb / 1P
20.0AMPS. LOW VF MOS SCHOTTKY BARRIER RECTIFIERS
PSA2060LT CHONGQING-PSA2060LT Datasheet
182Kb / 1P
20.0AMPS. LOW VF MOS SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com