Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF1050 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBRF1050
Description  10.0 AMPS. Isolated Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRF1050 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBRF1050 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRF1050 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CREAT BY ART
UL Recognized File # E-326243
Low power loss, high efficiency
High current capability, low forward voltage drop
Guard-ring for overvoltage protection
Mechanical Data
MBRF10XX
= Specific Device Code
G
= Green Compound
Y
= Year
WW
= Work Week
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
MBRF
1035
MBRF
1045
MBRF
1050
MBRF
1060
MBRF
1090
MBRF
10100
MBRF
10150
MBRF
10200
Unit
VRRM
35
45
50
60
90
100
150
200
V
VRMS
24
31
35
42
63
70
105
140
V
VDC
35
45
50
60
90
100
150
200
V
IRRM
A
dV/dt
V/us
Cj
pF
RθjC
4
OC/W
TJ
OC
TSTG
OC
0.71
0.85
0.80
0.70
IR
0.70
15
10
0.57
Peak Repetitive Reverse Surge Current (Note 1)
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
Maximum Average Forward Rectified Current
Peak Repetitive Forward Current (Rated VR,
Square Wave, 20KHz) at Tc=135 ℃
IFRM
Version:H11
Note 2: Pulse Test : 300uS Pulse Width, 1% Duty Cycle
Note 1: 2.0uS Pulse Width, f=1.0KHz
Operating Temperature Range
Storage Temperature Range
- 65 to + 150
- 65 to + 175
Voltage Rate of Change (Rated V R)
MBRF1035 - MBRF10200
Marking Diagram
ITO-220AC
10.0 AMPS. Isolated Schottky Barrier Rectifiers
Dimensions in inches and (millimeters)
Case:ITO-220AC molded plastic body
Features
High surge capability
Metal silicon junction, majority carrier conduction
High temperature soldering guaranteed:
260℃/10 seconds, at terminals
Green compound with suffix "G" on packing
code & prefix "G" on datecode
For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
Terminals: Pure tin plated, lead free, solderable
per MIL-STD-750, Method 2026
Maximum Reverse Current @ Rated VR T A=25 ℃
T A=125 ℃
Polarity: As marked
Mounting torque: 5 in. - lbs, max
Mounting position:Any
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Plastic material used carriers Underwriters
Laboratory Classification 94V-0
Weight: 1.74 grams
Typical Thermal Resistance
Type Number
1
A
A
IF(AV)
3
Typical Junction Capacitance
A
IFSM
Maximum Instantaneous Forward Voltage (Note 2)
IF=10A, TA=25℃
IF=10A, TA=125℃
VF
0.1
mA
V
10
20
150
0.5
1.05
-
390
300
220
2
10000
6
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - MBRF1050

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MBRF1050 GE-MBRF1050 Datasheet
105Kb / 2P
SCHOTTKY ISOLATED PLASTIC RECTIFIER
logo
Micro Commercial Compon...
MBRF1050 MCC-MBRF1050 Datasheet
99Kb / 2P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
GOOD-ARK Electronics
MBRF1050 GOOD-ARK-MBRF1050 Datasheet
255Kb / 3P
Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
MBRF1050 TSC-MBRF1050 Datasheet
83Kb / 2P
Isolation 10.0 AMPS. Schottky Barrier Rectifiers
MBRF1050 TSC-MBRF1050 Datasheet
140Kb / 2P
Isolated 10.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - MBRF1050

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRF10H100CT TSC-MBRF10H100CT Datasheet
624Kb / 2P
Isolated 10.0 AMPS. Schottky Barrier Rectifiers
MBRF1035 TSC-MBRF1035_1 Datasheet
140Kb / 2P
Isolated 10.0 AMPS. Schottky Barrier Rectifiers
MBRF1035CT TSC-MBRF1035CT Datasheet
164Kb / 2P
Isolated 10.0 AMPS. Schottky Barrier Rectifiers
SRAF1020 TSC-SRAF1020_1 Datasheet
258Kb / 2P
Isolated 10.0 AMPS. Schottky Barrier Rectifiers
SRF1020 TSC-SRF1020_1 Datasheet
201Kb / 2P
Isolated 10.0 AMPS. Schottky Barrier Rectifiers
MBRF1035CT TSC-MBRF1035CT_11 Datasheet
187Kb / 2P
10.0 AMPS. Isolated Schottky Barrier Rectifiers
SRAF1020 TSC-SRAF1020_10 Datasheet
613Kb / 2P
Isolated 10.0 AMPS. Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
MBRF1035CT LUGUANG-MBRF1035CT Datasheet
327Kb / 2P
Isolated 10.0 AMPS. Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
MBRF1035 TSC-MBRF1035_13 Datasheet
255Kb / 3P
10.0 AMPS. Isolated Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
MBRF1035 LUGUANG-MBRF1035 Datasheet
327Kb / 2P
Isolated 10.0 AMPS. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com