Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPV-35 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # LPV-35
Description  35W Single Output Switching Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LPV-35 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  LPV-35 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LPV-35 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
FileName:LPV-35-SPEC2011-09-06
CaseNo.975A
Unit:mm
fosc:65KHz
BlockDiagram
DETECTION
PWM
CIRCUIT
O.L.P.
EMIFILTER
RECTIFIERS
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
-V
I/P
CONTROL
&
O.V.P.
Others
5V
AC/N(Blue)
AC/L(Brown)
RecommendMountingDirection
T case:Max.Case Temperature.
26.5
T case
UL100716AWG
UL101518AWG
20
40
60
80
100
INPUTVOLTAGE(V)60Hz
90
100
125
135
145
155 165
175
180
200
230
264
100
90
80
70
60
50
40
DeratingCurve
DeratingCurve
StaticCharacteristics
AMBIENTTEMPERATURE(
)
175
35WSingleOutputSwitchingPowerSupply
L P V- 3 5 series
+V(Red)
-V(Black)
600 30
3.6
3.6
148
3.5
3.5
600 30
(HORIZONTAL)
0
15
30
0
40
50
-30
60
70
80
75



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com