Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD103AXG Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SD103AXG
Description  Low VF SMD Schottky Barrier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SD103AXG Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SD103AXG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SD103AXG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SD103AXG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SD103AXG
Low V
F SMD Schottky Barrier Diode
Small Signal Diode
Low power loss,high current capability
Low VF, low reverse current
Ultra small SMD package
Moisture sensitivity level 1
Pb free version and RoHS compliant
Case :Flat lead SOD-523F small outline plastic package
Min
Max
Min
Max
0.70
0.90
0.028 0.035
1.50
1.70
0.059 0.067
0.25
0.40
0.010 0.016
1.10
1.30
0.043 0.051
0.60
0.70
0.024 0.028
0.10
0.14
0.004 0.006
Part No.
Package
Packing
SD103AXG RK
SOD-523F
3K / 7" Reel
SD103AXG RKG
SOD-523F
3K / 7" Reel
Maximum Ratings
Notes: The suggested land pattern dimensions have seen provided for reference only,as actual pad layouts may vary despending on
application.
SOD-523F
Maximum Ratings and Electrical Characteristics
Features
Mechanical Data
Terminal: Matte tin plated, lead free., solderable
per MIL-STD-202, Method 208 guaranteed
Green compound (Halogen free) with suffix "G" on
packing code and prefix "G" on date code
High temperature soldering guaranteed: 260°C/10s
C
D
°C/W
°C
E
Value
625
40
200
V
°C
mA
Storage Temperature Range
TJ, TSTG
-65 ~ 150
Thermal Resistance (Junction to Ambient)
RθJA
Junction Temperature
TJ
150
IF
Reverse Voltage
Average Forward Current
VR
Type Number
Polarity : Indicated by cathode band
Weight : 1.50 mg(approach)
Rating at 25°C ambient temperature unless otherwise specified.
Ordering Information
Units
Symbol
Marking
Suggested PAD Layout
J
J
Unit (inch)
Pin Configuration
Marking Code : J
Dimensions
F
Unit (mm)
A
B
IFSM
A
1
Non-Repetitive Peak Forward Surge Current, 8.3 ms Single Half
Sine-wave.
Repetitive Peak Forward Current, tp ≦ 1S
IFRM
300
mA
D
A
B
C
E
F
Version : A10


Similar Part No. - SD103AXG

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SD103AX BILIN-SD103AX Datasheet
198Kb / 3P
Schottky Barrier Diode
logo
SeCoS Halbleitertechnol...
SD103AX SECOS-SD103AX Datasheet
261Kb / 2P
Schottky Plastic-Encapsulated Diode
logo
Micro Commercial Compon...
SD103AX MCC-SD103AX Datasheet
297Kb / 3P
200mW Small Signal Schottky Diode 40 Volts
logo
Shenzhen Jin Yu Semicon...
SD103AX HTSEMI-SD103AX Datasheet
3Mb / 1P
SCHOTTKY BARRIER DIODE
logo
SeCoS Halbleitertechnol...
SD103AX SECOS-SD103AX Datasheet
167Kb / 2P
40V , 0.35A Schottky Plastic-Encapsulated Diode
More results

Similar Description - SD103AXG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
B0520LWF TSC-B0520LWF Datasheet
230Kb / 3P
Low VF SMD Schottky Barrier Diode
logo
Comchip Technology
CDBZ0130L-HF COMCHIP-CDBZ0130L-HF Datasheet
254Kb / 4P
Low VF SMD Schottky Barrier Diode
logo
Taiwan Semiconductor Co...
RB520G-30 TSC-RB520G-30 Datasheet
587Kb / 3P
Low VF SMD Schottky Barrier Diode
RB706F-40 TSC-RB706F-40 Datasheet
483Kb / 3P
Low VF SMD Schottky Barrier Diode
logo
Comchip Technology
CDBZ0130L-HF COMCHIP-CDBZ0130L-HF Datasheet
254Kb / 4P
Low VF SMD Schottky Barrier Diode
logo
Taiwan Semiconductor Co...
BAS40 TSC-BAS40_14 Datasheet
244Kb / 5P
Low VF SMD Schottky Barrier Diode
RB500V-40 TSC-RB500V-40_14 Datasheet
179Kb / 5P
Low VF SMD Schottky Barrier Diode
RB520G-30 TSC-RB520G-30_14 Datasheet
176Kb / 5P
Low VF SMD Schottky Barrier Diode
RB706F-40 TSC-RB706F-40_14 Datasheet
441Kb / 5P
Low VF SMD Schottky Barrier Diode
logo
Comchip Technology
ACDBQC0130L-HF COMCHIP-ACDBQC0130L-HF Datasheet
473Kb / 4P
Low VF SMD Schottky Barrier Diode
REV:D
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com