Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD103CWRHG Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SD103CWRHG
Description  400mW, Low VF SMD Schottky Barrier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SD103CWRHG Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SD103CWRHG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SD103CWRHG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SD103CWRHG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SD103AW,SD103BW,SD103CW
400mW, Low VF SMD Schottky Barrier Diode
Small Signal Diode
Maximum Ratings
IR= 10μA
IR= 10μA
IR= 10μA
IF= 20mA
IF= 200mA
VR= 30V
VR= 20V
VR= 10V
Junction Capacitance
Carrier & Reel specification
SD103CW
SD103AW
SD103BW
SD103CW
VR=0,
f=1.0MHz
CJ
50
Reverse Breakdown Voltage
(Minimum value)
Reverse Leakage Current
(Maximum value)
IR
Forward Voltage
(Maximum value)
VF
SD103AW
SD103BW
μA
pF
V
V
Reel width
W1
12.3 ±0.20
20
Reel inner diameter
D1
54.4 ±0.40
Rating at 25°C ambient temperature unless otherwise specified.
V(BR)
30
Type Number
Units
Symbol
40
-
0.60
Typ
0.37
Min
3.15 ±0.10
Max
5
Carrier length
B
3.94 ±0.05
Dimension
(mm)
D
178 ±1
Carrier depth
1.35 ±0.10
3.50 ±0.05
1.75 ±0.10
Item
Symbol
Sprocket hole
d
C
Carrier width
A
Reel outside diameter
0.22 ±0.05
D2
13.0 ±0.20
Sprocke hole position
E
1.75 ±0.10
Punch hole position
Sprocke hole pitch
Feed hole width
F
Tape width
W
8.10 ±0.20
P0
4.00 ±0.10
Embossment center
P1
2.00 ±0.05
Overall tape thickness
T
W1
D1
D2
D
User Direction of Feed
Top Cover Tape
Carieer Tape
Any Additional Label (If Required)
TSC label
T
C
d
P1
P0
A
B
F
W
E
Version : B11



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com