Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N2857CSM Datasheet(PDF) 2 Page - Seme LAB

Part # 2N2857CSM
Description  SILICON RF SMALL SIGNAL NPN TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N2857CSM Datasheet(HTML) 2 Page - Seme LAB

  2N2857CSM Datasheet HTML 1Page - Seme LAB 2N2857CSM Datasheet HTML 2Page - Seme LAB 2N2857CSM Datasheet HTML 3Page - Seme LAB 2N2857CSM Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SILICON RF SMALL SIGNAL
NPN TRANSISTOR
2N2857CSM
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 3339
Issue 5
Page 2 of 4
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise stated)
Symbols
Parameters
Test Conditions
Min.
Typ
Max.
Units
V(BR)CEO
(1)
Collector-Emitter
Breakdown Voltage
IC = 3mA
IB = 0
15
V
VCB = 15V
IE = 0
10
nA
TA = 150°C
1.0
ICBO
Collector-Cut-Off Current
VCB = 30V
IE = 0
1.0
µA
ICES
Collector-Cut-Off Current
VCE = 16V
IB = 0
100
nA
IEBO
Emitter-Cut-Off Current
VEB = 3V
IC = 0
10
µA
IC = 3mA
VCE = 1.0V
30
150
hFE
(1)
Forward-current transfer
ratio
TA = -55°C
10
VCE(sat)
(1)
Collector-Emitter Saturation
Voltage
IC = 10mA
IB = 1.0mA
0.4
VBE(sat)
(1)
Base-Emitter Saturation
Voltage
IC = 10mA
IB = 1.0mA
1.0
V
DYNAMIC CHARACTERISTICS
IC = 5mA
VCE = 6V
| hfe |
Small signal forward-current
transfer ratio
f = 100MHz
10
21
IC = 2mA
VCE = 6V
hfe
Small Signal Current Gain
f = 1.0KHz
50
220
VCB = 10V
IE = 0
Ccb
Collector – Base Feedback
Capacitance
f = 1.0MHz
1.0
pF
IE = 2mA
VCB = 6V
rb’CC
(2)
Collector Base Time
Constant
f = 31.9MHz
4
15
ps
VCE = 6V
IC = 1.5mA
Gpe
(2)
Small Signal Power Gain
f = 450MHz
12.5
VCE = 6V
IC = 1.5mA
NF
(2)
Noise Figure
f = 450MHz
RG = 50
4.5
dB
Notes
Notes
Notes
Notes
(1)
Pulse Width ≤ 300us, δ ≤ 2%
(2)
By design only, not a production test.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com