Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS6257 Datasheet(PDF) 6 Page - MOSA ELECTRONICS

Part # MS6257
Description  Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6257 Datasheet(HTML) 6 Page - MOSA ELECTRONICS

Back Button MS6257 Datasheet HTML 2Page - MOSA ELECTRONICS MS6257 Datasheet HTML 3Page - MOSA ELECTRONICS MS6257 Datasheet HTML 4Page - MOSA ELECTRONICS MS6257 Datasheet HTML 5Page - MOSA ELECTRONICS MS6257 Datasheet HTML 6Page - MOSA ELECTRONICS MS6257 Datasheet HTML 7Page - MOSA ELECTRONICS MS6257 Datasheet HTML 8Page - MOSA ELECTRONICS MS6257 Datasheet HTML 9Page - MOSA ELECTRONICS MS6257 Datasheet HTML 10Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
MOSA
MS6257
Gain and Attenuation Volume Controller IC
REV 6
6
www.mosanalog.com
Timing of SDA and SCL bus lines
tf
S
tLOW
tHD;STA
tr
tHD;DAT
tSU;DAT
tf
tHIGH
tHD;STA
tSU;STA
Sr
S
P
tSP
tSU;STO
tr
tBUF
SDA
SCL
Standard mode
Symbol
Parameter
Min
Max
Unit
fSCL
SCL clock frequency
0
100
kHz
tHD:STA
Hold time (repeated) START condition.
After this period, the first clock pulse is generated
4.0
-
us
tLOW
LOW period of the SCL clock
4.7
-
us
tHIGH
HIGH period of the SCL clock
4.0
-
us
tSU:STA
Set-up time for a repeated START condition
4.7
-
us
tHD:DAT
Data hold time:
For I
2C-bus devices
0
3.45
us
tSU:DAT
Data-set-up time
250
-
ns
tr
Rise time of both SDA and SCL signals
-
1000
ns
tf
Fall time of both SDA and SCL signals
-
300
ns
tSU:STO
Set-up time for STOP condition
4.0
-
us
tBUF
Bus free time between a STOP and START condition
4.7
-
us
Cb
Capacitive load for each bus line
-
400
pF
VnL
Noise margin at the LOW level for each connected device (including
hysteresis)
0.1VDD
-
V
VnH
Noise margin at the HIGH level for each connected device (including
hysteresis)
0.2VDD
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com