Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS6258 Datasheet(PDF) 2 Page - MOSA ELECTRONICS

Part # MS6258
Description  Gain and Attenuation Volume Controller IC 4 Sets of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6258 Datasheet(HTML) 2 Page - MOSA ELECTRONICS

  MS6258 Datasheet HTML 1Page - MOSA ELECTRONICS MS6258 Datasheet HTML 2Page - MOSA ELECTRONICS MS6258 Datasheet HTML 3Page - MOSA ELECTRONICS MS6258 Datasheet HTML 4Page - MOSA ELECTRONICS MS6258 Datasheet HTML 5Page - MOSA ELECTRONICS MS6258 Datasheet HTML 6Page - MOSA ELECTRONICS MS6258 Datasheet HTML 7Page - MOSA ELECTRONICS MS6258 Datasheet HTML 8Page - MOSA ELECTRONICS MS6258 Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
MOSA
MS6258
Gain And Attenuation Volume Controller IC
REV 6
2
www.mosanalog.com
PIN CONFIGURATION
Symbol
Pin
Description
A.O.
1
Address option *
L-IN4
2
4
th left channel input
L-IN3
3
3
rdleft channel input
L-IN2
4
2
nd left channel input
L-IN1
5
1
st left channel input
L-OUT
6
Left channel output
VSS
7
Ground
SDA
8
I
2C data input
SCL
9
I
2C clock input
VDD
10
Positive supply voltage
R-OUT
11
Right channel output
R-IN1
12
1
st right channel input
R-IN2
13
2
nd right channel input
R-IN3
14
3
rd right channel input
R-IN4
15
4
th right channel input
VREF
16
Reference voltage = 1/2VDD
16
15
14
13
12
11
10
9
MS6258
A.O.
1
2
3
4
5
6
7
L-IN3
L-IN2
L-IN1
L-OUT
V
SS
SDA
SCL
V
REF
R-IN3
R-IN2
R-IN1
R-OUT
V
DD
8
L-IN4
R-IN4
MS6258
Note: 1. Pin 1 is set to Lo or open , the address code is 88H (10001000B).
2. Pin 1 is set to Hi , the address code is 8CH (10001100B).
3. The VREF connects a capacitor to Vss.
ORDERING INFORMATION
Package
Part number
Packaging Marking
Transport Media
16-Pin SOP (lead free)
MS6258GTR
MS6258ASG
2.5k Units Tape and Reel
16-Pin SOP (lead free)
MS6258GU
MS6258ASG
50 Units Tube
16-Pin SSOP (lead free)
MS6258SSGTR
MS6258G
2.5k Units Tape and Reel
16-Pin SSOP (lead free)
MS6258SSGU
MS6258G
100 Units Tube
RoHS Compliance
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Rating
Unit
VDD
Supply Voltage
6.5
V
VESD
Electrostatic Handling
-4500 to 4500
V
TSTG
Storage Temperature Range
-65 to 150
℃
TA
Operating Ambient Temperature Range
-40 to 85
℃
TJ
Maximum Junction Temperature
150
℃
TS
Soldering Temperature, 10 seconds
260
℃
RTHJA
Thermal Resistance from Junction to Ambient in Free Air
SOP16
SSOP16
210
210
℃/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com