Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS6308 Datasheet(PDF) 6 Page - MOSA ELECTRONICS

Part # MS6308
Description  Class AB Stereo Headphone Driver Low Distortion, Excellent PSRR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6308 Datasheet(HTML) 6 Page - MOSA ELECTRONICS

  MS6308 Datasheet HTML 1Page - MOSA ELECTRONICS MS6308 Datasheet HTML 2Page - MOSA ELECTRONICS MS6308 Datasheet HTML 3Page - MOSA ELECTRONICS MS6308 Datasheet HTML 4Page - MOSA ELECTRONICS MS6308 Datasheet HTML 5Page - MOSA ELECTRONICS MS6308 Datasheet HTML 6Page - MOSA ELECTRONICS MS6308 Datasheet HTML 7Page - MOSA ELECTRONICS MS6308 Datasheet HTML 8Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MOSA
MS6308
Class AB Stereo Headphone Driver
REV 2
6/8
www.mosanalog.com
MP3 digital to analog converting solution. Fig.4, Fig5
0.1uF
BCK
WS
DATA
GND
VoR
CAP
VoL
VDD
MS6313
1
2
3
45
6
7
8
47uF
MS6308
1
2
3
DAC
Headphone Driver
20k
470pF
50k
50k
10uF
VREF
15k
15k
20k
470pF
0.1uF
7
5
6
47uF
10uF
1.2VP-P
1.6VP-P
Headphone
(32Ω)
PHONE JACK
AVDD
10Ω
Supply
47uF
0.1uF
3V
Fig.4
A first order lowpass filter for DAC output with MS6313
0.1uF
BCK
WS
DATA
GND
VoR
CAP
VoL
VDD
MS6323
1
2
3
45
6
7
8
47uF
MS6308
1
2
3
DAC
Headphone Driver
20k
470pF
50k
50k
10uF
VREF
20k
20k
20k
470pF
0.1uF
7
5
6
47uF
1uF
1.65VPP
1.65VPP
Headphone
(32Ω)
PHONE JACK
AVDD
10Ω
Supply
47uF
0.1uF
3.3V
Fig.5
A first order lowpass filter for DAC output with MS6323



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com