Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS6266 Datasheet(PDF) 13 Page - MOSA ELECTRONICS

Part # MS6266
Description  6-Channel Volume Controller Gain and Attenuation 16~-79dB Low Voltage, High Channel Separation
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6266 Datasheet(HTML) 13 Page - MOSA ELECTRONICS

Back Button MS6266 Datasheet HTML 5Page - MOSA ELECTRONICS MS6266 Datasheet HTML 6Page - MOSA ELECTRONICS MS6266 Datasheet HTML 7Page - MOSA ELECTRONICS MS6266 Datasheet HTML 8Page - MOSA ELECTRONICS MS6266 Datasheet HTML 9Page - MOSA ELECTRONICS MS6266 Datasheet HTML 10Page - MOSA ELECTRONICS MS6266 Datasheet HTML 11Page - MOSA ELECTRONICS MS6266 Datasheet HTML 12Page - MOSA ELECTRONICS MS6266 Datasheet HTML 13Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
MOSA
MS6266
6-Channel Electronic Volume Controller
REV 2
13/13
www.mosanalog.com
Circuit:
+
C5
R1 5
S4
-
+
C6
+
C14
10u
C17
104
S2
CH
R1 3 10k
R1 7
+
C12
+
C7
S3
+
R1 4
+
C1
10 u * 1 2
+
C8
+
C13
10u
R1 9
+
C9
+
C1 0
R2 1
1k * 8
C2 0
20pF
C1 9
20pF
+
C2
+
C1 1
R1 6
R22
10
IN1
1
IN2
2
IN3
3
AC2
4
DGND
5
SCL
6
SDA
7
IN4
8
IN5
9
IN6
10
OUT1
20
OUT2
19
OUT3
18
AC1
17
VDD
16
VREF
15
GND
14
OUT4
13
OUT5
12
OUT6
11
U1
MS62 66
C1 6
10 uF
S1
MUTE
+
C3
S5
RESET
+
C1 5
10u
R1 8
+
C4
C18
104
R2 0
12M
P3.7
11
RST
1
P1.0
12
P3.0
2
P1.1
13
P3.1
3
P1.2
14
XTAL2
4
P1.3
15
XTAL1
5
P1.4
16
P3.2
6
P1.5
17
P3.3
7
P1.6
18
P3.4
8
P1.7
19
P3.5
9
Vcc
20
GND
10
U3
AT89C2051
J15
DVCC
J14
AVDD
J1
IN1
J2
IN2
J3
IN3
J4
IN4
J5
IN5
J6
IN6
J7
OUT6
J8
OUT5
J9
OUT4
J10
OUT3
J1 1
OUT2
J1 2
OUT1
R1
100K * 12
R2
R3
R4
R5
R6
R7
R8
R9
R1 0
R1 1
R12
1
2
3
4
5
6
J1 6
AC2
AC1
D8
CH1
D7
CH2
D6
CH3
D5
CH4
D4
CH5
D3
CH6
D2
VOL+
D1
VOL-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com