Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS6313ASGU Datasheet(PDF) 6 Page - MOSA ELECTRONICS

Part # MS6313ASGU
Description  16-Bits Stereo Audio DAC Low Power Consumption Low Voltage, Excellent PSRR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6313ASGU Datasheet(HTML) 6 Page - MOSA ELECTRONICS

  MS6313ASGU Datasheet HTML 1Page - MOSA ELECTRONICS MS6313ASGU Datasheet HTML 2Page - MOSA ELECTRONICS MS6313ASGU Datasheet HTML 3Page - MOSA ELECTRONICS MS6313ASGU Datasheet HTML 4Page - MOSA ELECTRONICS MS6313ASGU Datasheet HTML 5Page - MOSA ELECTRONICS MS6313ASGU Datasheet HTML 6Page - MOSA ELECTRONICS MS6313ASGU Datasheet HTML 7Page - MOSA ELECTRONICS MS6313ASGU Datasheet HTML 8Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MOSA
MS6313
16-Bits Stereo Audio DAC
REV6
6/8
www.mosanalog.com
Right justified format
0
1
2
15
14
13
2
1
0
MSB
LSB
15
14
13
2
1
0
MSB
LSB
RIGHT
LEFT
WS
BCK
DATA
Fig.3 Right justified format
APPLICATION INFORMATION
MP3 digital to analog converting solution
BCK
WS
DATA
GND
VoR
Cap
VoL
V
DD
MS6313
50k
MS6308
50k
420pF
10
V
DD
47uF
0.1uF
50k
MS6308
50k
420pF
100pF
100pF
1
2
3
4
5
6
7
8
Headphone
(32O)
Headphone
(32O)
10uF
Fig.4
Example of a 2nd order filter application.
MP3 digital to analog converting solution.
BCK
WS
DATA
GND
VoR
CAP
VoL
V
DD
MS6313
100uF
MS6308
68pF
56k
22k
22k
1nF
15k
1.2nF
1uF
100k
1uF
100k
10
V
DD
V
REF
47uF
0.1uF
10uF
f
-3dB = 17.5kHz
DC
gain = 1.5
V
DAC out p-p = 1.32V
V
out p-p = 1.98V
For V
DD = 3.3V
Headphone
(32)
Fig.5
A third order lowpass filter ( Smoothing filter ) for DAC output



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com