Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS6323ASGTR Datasheet(PDF) 4 Page - MOSA ELECTRONICS

Part # MS6323ASGTR
Description  16-Bits Stereo Audio DAC Low Power Consumption Low Voltage, Excellent PSRR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6323ASGTR Datasheet(HTML) 4 Page - MOSA ELECTRONICS

  MS6323ASGTR Datasheet HTML 1Page - MOSA ELECTRONICS MS6323ASGTR Datasheet HTML 2Page - MOSA ELECTRONICS MS6323ASGTR Datasheet HTML 3Page - MOSA ELECTRONICS MS6323ASGTR Datasheet HTML 4Page - MOSA ELECTRONICS MS6323ASGTR Datasheet HTML 5Page - MOSA ELECTRONICS MS6323ASGTR Datasheet HTML 6Page - MOSA ELECTRONICS MS6323ASGTR Datasheet HTML 7Page - MOSA ELECTRONICS MS6323ASGTR Datasheet HTML 8Page - MOSA ELECTRONICS MS6323ASGTR Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MOSA
MS6323
16-Bits Stereo Audio DAC
REV 7
4/11
www.mosanalog.com
3.3V ELECTRICAL CHARACTERISTICS
(Ta=25℃, VDD=3.3V, f=1kHz, Cap=1uF; unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
DC Characteristics
VCAP
Voltage at CAP
1.6
1.65
1.7
V
VDC
Output DC level
1.6
1.65
1.7
V
VFS
Full scale output voltage
VFS=0.5VDD
1.5
1.65
1.8
Vpp
IQ
Quiescent current
At code 0000H
-
2.2
-
mA
IFS
Maximum operation current
VFS=0.5VDD
-
2.3
-
mA
Cap=1uF, f=100Hz
45
50
-
dB
PSRR
Power supply rejection ratio
Cap=10uF, f=100Hz
63
68
-
dB
CS
Channel separation
78
84
-
dB
AC Characteristics
-
-66
-62
dB
THD+N
Total harmonic distortion plus
noise
-
0.05
0.08
S/N
Signal-to-noise ratio
86
92
-
dB
2.5V ELECTRICAL CHARACTERISTICS
(Ta=25℃, VDD=2.5V, f=1kHz, Cap=1uF; unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
DC Characteristics
VCAP
Voltage at CAP
1.2
1.25
1.3
V
VDC
Output DC level
1.2
1.25
1.3
V
VFS
Full scale output voltage
VFS=0.5VDD
1.2
1.25
1.5
Vpp
IQ
Quiescent current
At code 0000H
-
2.0
-
mA
IFS
Maximum operation current
VFS=0.5VDD
-
2.1
-
mA
Cap=1uF, f=100Hz
44
49
-
dB
PSRR
Power supply rejection ratio
Cap=10uF, f=100Hz
59
64
-
dB
CS
Channel separation
77
83
-
dB
AC Characteristics
-
-66
-62
dB
THD+N
Total harmonic distortion plus
noise
-
0.05
0.08
S/N
Signal-to-noise ratio
83
89
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com