Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6660CSM4 Datasheet(PDF) 1 Page - Seme LAB

Part # 2N6660CSM4
Description  N?밅HANNEL ENHANCEMENT MODE MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N6660CSM4 Datasheet(HTML) 1 Page - Seme LAB

  2N6660CSM4 Datasheet HTML 1Page - Seme LAB 2N6660CSM4 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N6660CSM4
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed to be
both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use. Semelab
encourages customers to verify that datasheets are current before placing orders.
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
DOC 7777, ISSUE 2
FEATURES
•
Faster switching
•
Low Ciss
•
Integral Source-Drain Diode
•
High Input Impedance and High Gain
DESCRIPTION
This enhancement-mode (normally-off) vertical DMOS FET is
ideally suited to a wide range of switching and amplifying
applications where high breakdown voltage, high input
impedance, low input capacitance, and fast switching speeds
are desired.
Hi-Reliability Military and Space screening options available
N–CHANNEL
ENHANCEMENT MODE
MOSFET
V
DSS
60V
I
D
1.0A
R
DS(on)
3.0
Ω
LCC3 PACKAGE (MO-041BA)
(Underside View)
PAD 1 – DRAIN
PAD 3 – SOURCE
PAD 2 – N/C
PAD 4 – GATE
1
2
3
4
5.59 ± 0.13
(0.22 ± 0.005)
0.23
(0.009)
rad.
1.02 ± 0.20
(0.04 ± 0.008)
2.03 ± 0.20
(0.08 ± 0.008)
1.40 ± 0.15
(0.055 ± 0.006)
0.25 ± 0.03
(0.01 ± 0.001)
0.23
(0.009)
min.
MECHANICAL DATA
Dimensions in mm (inches)
ABSOLUTE MAXIMUM RATINGS T
CASE = 25°C unless otherwise stated
V
DS
Drain - Source Voltage
60V
I
D
Drain Current
- Continuous (T
C = 25°C)
1.0A
I
DM
Drain Current
- Pulsed (Note 1)
3A
V
GS
Gate - Source Voltage
±20V
P
tot(1)
Total Power Dissipation at T
mounting base ≤ 25°C
3.0W
De-rate Linearly above 25°C
0.020W/°C
P
tot(2)
Total Power Dissipation at T
ambient ≤ 25°C
0.5W
T
j,Tstg
Operating and Storage Junction Temperature Range
-55 to +175°C
THERMAL DATA
R
thj-mb
Thermal Resistance Junction – Mounting base
Max
50
°C/W
NOTES:
1) Repetitive Rating: Pulse Width limited by maximum junction temperature.
2) Pulse Test: Pulse Width ≤ 300µS, Duty Cycle , δ 2%


Similar Part No. - 2N6660CSM4

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N6660CSM4 SEME-LAB-2N6660CSM4 Datasheet
43Kb / 2P
N-CHANNEL ENHANCEMENT MODE MOS TRANSISTOR
More results

Similar Description - 2N6660CSM4

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N6661DCSM SEME-LAB-2N6661DCSM Datasheet
41Kb / 2P
DUAL N?밅HANNEL ENHANCEMENT MODE
2N6800LCC4 SEME-LAB-2N6800LCC4 Datasheet
102Kb / 2P
N?밅HANNEL ENHANCEMENT MODE
2N6802 SEME-LAB-2N6802 Datasheet
23Kb / 2P
N?밅HANNEL ENHANCEMENT
2N6782 SEME-LAB-2N6782_01 Datasheet
57Kb / 2P
N?밅HANNEL POWER MOSFET ENHANCEMENT MODE
2N6794 SEME-LAB-2N6794_01 Datasheet
57Kb / 2P
N?밅HANNEL ENHANCEMENT MODE POWER MOSFET
2N7000CSM SEME-LAB-2N7000CSM_06 Datasheet
48Kb / 2P
N?밅HANNEL ENHANCEMENT MODE MOS TRANSISTOR
SML50A21 SEME-LAB-SML50A21_07 Datasheet
46Kb / 2P
N?밅HANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML50A23 SEME-LAB-SML50A23 Datasheet
25Kb / 2P
N?밅HANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML2308CSM4 SEME-LAB-SML2308CSM4 Datasheet
21Kb / 2P
N?밅HANNEL ENHANCEMENT MODE MOSFET
ZVN2106B SEME-LAB-ZVN2106B Datasheet
105Kb / 2P
N?밅HANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com