Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS432IXRF Datasheet(PDF) 9 Page - Taiwan Semiconductor Company, Ltd

Part # TS432IXRF
Description  Adjustable Precision Shunt Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS432IXRF Datasheet(HTML) 9 Page - Taiwan Semiconductor Company, Ltd

Back Button TS432IXRF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS432IXRF Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS432IXRF Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS432IXRF Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS432IXRF Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS432IXRF Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS432IXRF Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd TS432IXRF Datasheet HTML 11Page - Taiwan Semiconductor Company, Ltd TS432IXRF Datasheet HTML 12Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
TS432I
Adjustable Precision Shunt Regulator
9/12
Version: A0B
TO-92 Mechanical Drawing
Marking Diagram
X = Tolerance Code
(A =
±1%, B = ±0.5%, Blank = ±2%,)
Y = Year Code
M = Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep,
J=Oct, K=Nov, L=Dec)
L = Lot Code
TO-92 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
4.30
4.70
0.169
0.185
B
4.30
4.70
0.169
0.185
C
14.30(typ)
0.563(typ)
D
0.43
0.49
0.017
0.019
E
2.19
2.81
0.086
0.111
F
3.30
3.70
0.130
0.146
G
2.42
2.66
0.095
0.105
H
0.37
0.43
0.015
0.017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com