Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCU83 Datasheet(PDF) 1 Page - Seme LAB

Part # BCU83
Description  NPN EPITAXIAL PLANAR SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BCU83 Datasheet(HTML) 1 Page - Seme LAB

  BCU83 Datasheet HTML 1Page - Seme LAB BCU83 Datasheet HTML 2Page - Seme LAB BCU83 Datasheet HTML 3Page - Seme LAB BCU83 Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Prelim 6/99
BCU83
Magnatec.
Telephone +44(0)1455 554711.
Fax +44(0)1455 558843.
E-mail: magnatec@semelab.co.uk Website: http://www.semelab.co.uk
VCBO
Collector – Base voltage
VCEO
Collector – Emitter voltage
VEBO
Emitter – Base voltage
IC
Collector current
IC(PK)
Peak Collector current
Ptot
Total Dissipation at Tcase = 25°C
Tstg
Storage Temperature
Tj
Maximum Operating Junction Temperature
60V
20V
6V
5A
8A
0.9W
–55 to 150°C
150°C
MECHANICAL DATA
Dimensions in mm
1 . 4 5 P IT C H
5. 0
6. 0
0. 5
TY P
EC
B
NPN EPITAXIAL PLANAR
SILICON TRANSISTOR
Ideal for high current driver
applications requiring
efficient low loss devices
FEATURES
•LOW VCE(SAT)
• HIGH CURRENT
• HIGH ENERGY RATING
APPLICATIONS
• Any High Current Driver Applications
Requiring Efficient Low Loss Devices.
TO92(EXTENDED)
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)


Similar Part No. - BCU83

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BCU83-SMD SEME-LAB-BCU83-SMD Datasheet
19Kb / 2P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
BCU83D SEME-LAB-BCU83D Datasheet
108Kb / 4P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
More results

Similar Description - BCU83

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com