Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCU83D Datasheet(PDF) 2 Page - Seme LAB

Part # BCU83D
Description  NPN EPITAXIAL PLANAR SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BCU83D Datasheet(HTML) 2 Page - Seme LAB

  BCU83D Datasheet HTML 1Page - Seme LAB BCU83D Datasheet HTML 2Page - Seme LAB BCU83D Datasheet HTML 3Page - Seme LAB BCU83D Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Parameter
Test Conditions
Min.
Typ.
Max.
Unit.
V(BR)CEO
Collector – Emitter Base
Breakdown Voltage
V(BR)CBO
Collector – Base
Breakdown Voltage
V(BR)EBO
Emitter Base Breakdown Voltage
ICBO
Collector Cut–Off Current
IEBO
Emitter Cut–Off Current
hFE1*
DC Current Gain
hFE2*
DC Current Gain
hFE
DC Current Gain Ratio (small/large)
VCE(sat)
Collector – Emitter
SaturationVoltage
VBE(sat)
Base – Emitter
Saturation Voltage
fT
Gain Bandwidth Product
Cob
Output Capacitance
ton
Turn – On Time
tstg
Storage Time
tf
Fall Time
Prelim.6/99
BCU83D
Magnatec.
Telephone +44(0)1455 554711.
Fax +44(0)1455 558843.
E-mail: magnatec@semelab.co.uk Website: http://www.semelab.co.uk
IC = 1mA
RBE = 00
IC = 10mAIE = 0
IE = – 10mAIC = 0
VCB = 50V
IE = 0
VEB = 5V
IC = 0
VCE = 2V
IC = 500mA
VCE = 2V
IC = 3A
VCE = 2V
IC = 500mA
IC = 3A
IB = 60mA
IC = 3A
IB = 60mA
VCE = 10V
IC = 500mA
VCB = 10V
f = 1MHz
See specified test circuit
See specified test circuit
See specified test circuit
20
60
6
100
100
160
560
95
0.8
220
500
1
1.5
220
45
1
30
300
40
V
V
V
nA
–—
mV
V
MHz
pF
ns
DYNAMICS CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
Switching Time Test Circuit
100 F
=2 A
µ
+
PW= 2 0
50R
IN P U T
DC
BE
10I
V
B1
10I
= -
=- 5 V
B2 =I C
1%
≤
ms
B2
V R
R B
I
I B1
=1 0 V
V CC
470 Fµ
+
R L
5R
OU T P U T



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com