Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDS29B Datasheet(PDF) 2 Page - Seme LAB

Part # BDS29B
Description  COMPLEMENTARY POWER DARLINGTON TO254 METAL TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BDS29B Datasheet(HTML) 2 Page - Seme LAB

  BDS29B Datasheet HTML 1Page - Seme LAB BDS29B Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V
mA
mA
mA
V
V
—
MHz
60
90
120
1
5
1
5
1
5
5
1
3
4
3.5
5
1000
200
4
BVCEO
ICER
IEBO
ICEO
VCE(sat)*
VBE(sat)*
hFE*
hfe*
Collector Emitter Breakdown
Voltage
Collector Emitter Leakage
Current
Emitter cut-off current
Collector - Emitter Leakage
Current
Collector - Emitter
Saturation Voltage
Base - Emitter
Saturation Voltage
DC Current gain
Small Signal Forward
Current Transfer Ratio
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Document Number 2596
Issue 1
BDS29A
BDS29B
BDS29C
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
IC = 100mA
BDS29A
IB = 0
BDS29B
BDS29C
VCE = 60V
RBE = 1KW
TC= 150°C
BDS29A
VCE = 90V
RBE = 1KW
TC= 150°C
BDS29B
VCE = 120V
RBE = 1KW
TC= 150°C
BDS29C
VBE = 5V
IC = 0
IB = 0
VCE = 50V
IC = 20A
IB = 0.2A
IC= 30A
IB = 0.3A
IC = 20A
IB = 0.2A
IC = 30A
IB = 0.3A
IC = 20A
VCE = 5V
IC= 30A
VCE = 5V
IC = 1A
VCE = 3V
f=1MHz
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
*Pulsed : tp = 300 ms , d£ 2 %



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com