Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS2950ACTB0 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS2950ACTB0
Description  150mA Ultra Low Dropout Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2950ACTB0 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS2950ACTB0 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2950ACTB0 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2950ACTB0 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2950ACTB0 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2950ACTB0 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2950ACTB0 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2950ACTB0 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TS2950/A
150mA Ultra Low Dropout Voltage Regulator
1/10
Version: D11
TO-92
TO-252
(DPAK)
General Description
The TS2950/A are low power voltage regulators. These devices are excellent choice for use in battery-powered
applications such as cordless telephone, radio control systems, and portable computers.
The TS2950/A is features very low quiescent current (75uA Typ.) and very low drop output voltage (Typ. 40uV at
light load and 380 mV at 100 mA). This includes a tight initial tolerance of 1% (A version), extremely good load
and line regulation 0.05% typ. and very low output temperature coefficient, making the TS2950/A useful as a low-
power voltage reference.
Features
●
Extremely low quiescent current
●
Low dropout voltage
●
Extremely tight load and line regulation
●
Very low temperature coefficient
●
Need only 1uF for stability
●
Use as Regulator or Reference
●
Stable with low-ESR output capacitors
●
Current and thermal limiting
Ordering Information
Part No.
Package
Packing
TS2950CTxx B0
TO-92
1Kpcs / Bulk
TS2950CTxx A3
TO-92
2Kpcs / Ammo
TS2950ACTxx B0
TO-92
1Kpcs / Bulk
TS2950ACTxx A3
TO-92
2Kpcs / Ammo
TS2950CPxx RO
TO-252
2.5Kpcs / 13” reel
TS2950ACPxx RO
TO-252
2.5Kpcs / 13” reel
Note: Where xx denotes voltage option, available are
50= 5.0V
33= 3.3V
30= 3.0V
Contact factory for additional output voltage option.
Application
●
Battery powered systems
●
SMPS Post-Regulator
●
Voltage Reference
●
Portable consumer equipment
●
Radio control system
Absolute Maximum Rating
Parameter
Symbol
Limit
Unit
TO-92
TO-252
Input Supply Voltage
VIN
- 0.3 ~ +30
V
Power Dissipation
Pd
Internally Limited
W
Operating Junction Temperature Range
TJ
- 40 ~ +125
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Temperature (Soldering 5 second)
TSTG
260
oC
Thermal Resistance Junction to Ambient
RӨJA
160
100
oC/W
Thermal Resistance Junction to Case
RӨJC
80
2.87
oC/W
Pin Definition:
1. Output
2. Ground
3. Input
Pin Definition:
1. Input
2. Ground
3. Output


Similar Part No. - TS2950ACTB0

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2950ACT TSC-TS2950ACT Datasheet
134Kb / 6P
150mA Ultra Low Dropout Positive Voltage Regulator
TS2950ACT TSC-TS2950ACT Datasheet
404Kb / 10P
150mA Ultra Low Dropout Voltage Regulator
TS2950ACT-3.0 TSC-TS2950ACT-3.0 Datasheet
134Kb / 6P
150mA Ultra Low Dropout Positive Voltage Regulator
TS2950ACT-3.3 TSC-TS2950ACT-3.3 Datasheet
134Kb / 6P
150mA Ultra Low Dropout Positive Voltage Regulator
TS2950ACT-5.0 TSC-TS2950ACT-5.0 Datasheet
134Kb / 6P
150mA Ultra Low Dropout Positive Voltage Regulator
More results

Similar Description - TS2950ACTB0

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1121 SIPEX-SPX1121 Datasheet
157Kb / 6P
150mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS112 ADMOS-AMS112 Datasheet
32Kb / 4P
150mA LOW DROPOUT VOLTAGE REGULATOR
AMS2950 ADMOS-AMS2950 Datasheet
144Kb / 14P
150mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2969 SIPEX-SPX2969 Datasheet
87Kb / 9P
150mA Low Dropout Voltage Regulator
logo
Taiwan Semiconductor Co...
TS2950 TSC-TS2950 Datasheet
134Kb / 6P
150mA Ultra Low Dropout Positive Voltage Regulator
TS2950 TSC-TS2950_07 Datasheet
404Kb / 10P
150mA Ultra Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2950 MICREL-MIC2950_10 Datasheet
1Mb / 20P
150mA Low-Dropout Voltage Regulator
logo
Taiwan Semiconductor Co...
TS2951 TSC-TS2951 Datasheet
170Kb / 8P
150mA Ultra Low Dropout Voltage Regulator
TS2950 TSC-TS2950_14 Datasheet
186Kb / 9P
150mA Ultra Low Dropout Voltage Regulator
TS2951 TSC-TS2951_15 Datasheet
345Kb / 9P
150mA Ultra Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com