Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFR92 Datasheet(PDF) 2 Page - Seme LAB

Part # BFR92
Description  SMALL SIGNAL NPN RF TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BFR92 Datasheet(HTML) 2 Page - Seme LAB

  BFR92 Datasheet HTML 1Page - Seme LAB BFR92 Datasheet HTML 2Page - Seme LAB BFR92 Datasheet HTML 3Page - Seme LAB BFR92 Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMALL SIGNAL
NPN RF TRANSISTOR
BFR92, BFR92A
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 8347
Issue 1
Page 2 of 4
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise stated)
Symbols
Parameters
Test Conditions
Min.
Typ.
Max.
Units
V(BR)CBO
(1)
Collector-Base Breakdown
Voltage
IC = 10µA
IE = 0
20
V(BR)CEO
(1)
Collector-Emitter
Breakdown Voltage
IC = 1.0mA
IB = 0
15
V(BR)EBO
(1)
Collector-Emitter
Breakdown Voltage
IC = 10µA
IC = 0
2
V
ICBO
Collector-Base Cut-Off
Current
VCB = 10V
IE = 0
50
ICEO
Collector-Emitter Cut-Off
Current (BFR92A)
VCB = 10V
IB = 0
50
IEBO
Emitter-Base Cut-Off
Current (BFR92A)
VEB = 1.0V
IC = 0
10
nA
IC = 14mA
VCE = 10V
BFR92
25
hFE
(1)
Forward-current transfer
ratio
BFR92A
40
DYNAMIC CHARACTERISTICS
IC = 14mA
VCE = 10V
fT
(2)
Transition Frequency
f = 500MHz
5
GHz
CEB
(2)
Emitter Base Capacitance
VEB = 0.5V, IC = 0, f = 1.0MHz
0.4
VCB = 10V, IE = 0, f = 1.0MHz
BFR92
0.5
CCB
(2)
Collector Base Capacitance
BFR92A
0.6
pF
IC = 2mA, VCE = 10V
f = 500MHz for BFR92
2.4
NF
(2)
Noise Figure
f = 800MHz for BFR92A
1.8
IC = 14mA, VCE = 10V
f = 500MHz for BFR92
18
GUM
(2)
Maximum Unilateral Power
Gain
f = 800MHz for BFR92A
16
IC = 14mA, VCE = 10V
RL = 500 , VO = 150mV
f = 500MHz for BFR92
-60
dIM3
(2)
Intermodulation Distortion
f = 800MHz for BFR92A
-60
dB
Notes
Notes
Notes
Notes
(1)
Pulse Width ≤ 300us, δ ≤ 2%
(2)
By Design, not measured as a production test.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com