Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFX34 Datasheet(PDF) 2 Page - Seme LAB

Part # BFX34
Description  HIGH CURRENT GENERAL PURPOSE TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BFX34 Datasheet(HTML) 2 Page - Seme LAB

  BFX34 Datasheet HTML 1Page - Seme LAB BFX34 Datasheet HTML 2Page - Seme LAB BFX34 Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
HIGH CURRENT GENERAL
PURPOSE TRANSISTOR
BFX34
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 5569
Issue 2
Page 2 of 3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise stated)
Symbols
Parameters
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)CBO
(1)
Collector-Base
Breakdown Voltage
IC = 5mA
VBE = 0
120
V(BR)CEO
(1)
Collector-Emitter
Breakdown Voltage
IC = 10mA
IB = 0
60
VEBO
(1)
Emitter - Base Voltage
IE = 1.0mA
IC = 0
6
VCE(sat)
(1)
Collector-Emitter
Saturation Voltage
0.4
1.0
VBE(sat)
(1)
Base-Emitter
Saturation Voltage
IC = 5A
IB = 0.5A
1.3
1.6
V
ICES
Collector Cut-Off Current
VCE = 60V
VBE = 0
0.02
10
IEBO
Emitter Cut-Off Current
VEB = 4V
IC = 0
0.05
10
µA
IC = 1.0A
VCE = 2V
100
IC = 1.5A
VCE = 0.6V
75
hFE
DC Current Gain
IC = 2A
VCE = 2V
40
80
150
-
DYNAMIC CHARACTERISTICS
IC = 0.5A
VCE = 5V
fT
Transition Frequency
f = 20MHz
70
100
MHz
Cobo
Output Capacitance
VCB = 10V
f = 1.0MHz
40
100
Cibo
Input Capacitance
VEB = 0.5V
f = 1.0MHz
300
500
pF
ton
Turn on Time
VCC = 20V
IC = 0.5A
0.6
toff
Turn off Time
IB1= -IB2 = 50mA
1.2
µS
Notes
Notes
Notes
Notes
(1)
Pulse Width ≤ 300us, δ ≤ 2%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com