Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR36685 Datasheet(PDF) 1 Page - Sharp Corporation

Part # LR36685
Description  Vertical Driver IC for CCD Area Sensors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR36685 Datasheet(HTML) 1 Page - Sharp Corporation

  LR36685 Datasheet HTML 1Page - Sharp Corporation LR36685 Datasheet HTML 2Page - Sharp Corporation LR36685 Datasheet HTML 3Page - Sharp Corporation LR36685 Datasheet HTML 4Page - Sharp Corporation LR36685 Datasheet HTML 5Page - Sharp Corporation LR36685 Datasheet HTML 6Page - Sharp Corporation LR36685 Datasheet HTML 7Page - Sharp Corporation LR36685 Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices shown in
catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
1
DESCRIPTION
The LR36685 is a CMOS vertical clock driver and
shutter driver IC for CCD area sensors which
provides the functions to convert the voltage and
impedance from the CMOS level.
FEATURES
• Built-in seven circuits
– 2-level output :
2 circuits for vertical CCD clock driver
Output voltage level (TYP.) = –9 to 0 V
– 3-level output :
4 circuits for vertical CCD clock driver
Output voltage level (TYP.) = –9 to 0 to +15 V
– 2-level output :
1 circuit for shutter driver
Output voltage level (TYP.) = –9 to +17 V
• Switchable between NTSC (EIA) and PAL (CCIR)
modes
• Package :
24-pin SSOP (SSOP024-P-0275)
PIN CONNECTIONS
LR36685
LR36685
Vertical Driver IC for
CCD Area Sensors
POFD
VH1BX
1
24
23
22
21
20
19
18
17
16
15
14
13
VMb
V4X
2
VL
VH3AX
3
V2
GND
4
V4
VDD
5
NC
V3X
6
V3B
VH1AX
7
V3A
V1X
8
V1B
V2X
9
V1A
OFDX
10
VMa
VH3BX
11
VH
VOFDH
12
24-PIN SSOP
TOP VIEW
(SSOP024-P-0275)


Similar Part No. - LR36685

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LR36685 SHARP-LR36685 Datasheet
126Kb / 15P
1/2.7-type Interline Color CCD Area Sensor with 1 310 k Pixels
LR36685 SHARP-LR36685 Datasheet
179Kb / 18P
1/1.8-type Interline Color CCD Area Sensor with 3 370 k Pixels
More results

Similar Description - LR36685

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16520 NEC-UPD16520 Datasheet
100Kb / 16P
VERTICAL DRIVER FOR CCD SENSORS
logo
Panasonic Semiconductor
MN3111H PANASONIC-MN3111H Datasheet
67Kb / 11P
Vertical Driver LSI for Video Camera CCD Area Image Sensor
MN3112SA PANASONIC-MN3112SA Datasheet
45Kb / 9P
Vertical Driver for Video-Camera CCD Area-Image-Sensor
MN3113F PANASONIC-MN3113F Datasheet
68Kb / 12P
Vertical Driver LSI for Video Camera CCD Area Image Sensor
MN3114 PANASONIC-MN3114 Datasheet
84Kb / 12P
Vertical Driver (8 channels) for CCD Area Image Sensors
logo
NEC
UPD16520A NEC-UPD16520A Datasheet
210Kb / 19P
VERTICAL DRIVER FOR CCD SENSORS
logo
Hamamatsu Corporation
S10814 HAMAMATSU-S10814_15 Datasheet
462Kb / 10P
CCD area image sensors
S8980_S10810 HAMAMATSU-S8980_S10810_15 Datasheet
506Kb / 10P
CCD area image sensors
S7170-0909 HAMAMATSU-S7170-0909_15 Datasheet
343Kb / 12P
CCD area image sensors
S7033-0907 HAMAMATSU-S7033-0907_15 Datasheet
376Kb / 12P
CCD area image sensors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com