Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS19371CSRL Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS19371CSRL
Description  Boost (Step-up) WLED Driver with OVP
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19371CSRL Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS19371CSRL Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19371CSRL Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19371CSRL Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19371CSRL Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19371CSRL Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19371CSRL Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19371CSRL Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19371CSRL Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS19371CSRL Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TS19371
Boost (Step-up) WLED Driver with OVP
3/10
Version: G08
Functional Block
Pin Description
Pin
(SOT-26)
Pin
(SOP-8)
Function
Description
1
8
SW
Switching Pin. This is the collector of the internal NPN power switch.
Connect to inductor and diode. Minimize the metal trace area
connected to this pin to reduce EMI.
2
2,3,6,7
Ground
Ground Pin. Connect directly to local ground plane.
3
5
FB
Feedback Pin. Reference voltage is 95mV. Connect LEDs and a
resistor at this pin. LED current is determined by the resistance and
CTRL voltage.
4
4
CTRL
Shutdown Pin and Dimming Control Pin.
VCTRL > 1.8V generates full-scale LED current
VCTRL < 0.4V chip is off
Switching from 04V to 2.0V, PWM duty cycle controls the LED current
5
OVP
Over Voltage Protection, 30V
6
1
VIN
Input Supply Pin. Bypass this pin with a capacitor as close to the
device as possible



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com