Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUY49S Datasheet(PDF) 2 Page - Seme LAB

Part # BUY49S
Description  SILICON NPN TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BUY49S Datasheet(HTML) 2 Page - Seme LAB

  BUY49S Datasheet HTML 1Page - Seme LAB BUY49S Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Test Conditions
Min.
Typ.
Max. Unit
VCB = 200V
IE = 0
TC = 150°C
IC = 100µAIE = 0
IC = 20mA
IB = 0
IE = 1mA
IC = 0
IC = 0.5A
IB = 50mA
IC = 0.5A
IB = 50mA
IC = 20mA
VCE = 5V
IC = 0.5A
VCE = 5V
IC = 20mA
VCE = 2V
TC = –55°C
IC = 100mA
VCE = 10V
IE = 0
VCB = 10V
f = 1MHz
IC = 0.5A
VCC = 20V
IB1 = –IB2 = 50mA
VCE = 50V
0.1
50
250
200
6
0.2
1.1
40
40
80
16
50
30
0.3
1
0.2
BUY49S
Document Number 3089
Issue 1
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
ICBO
Collector Cut-off Current
V(BR)CBO Collector – Base Breakdown Voltage
VCEO(sus)* Collector – Emitter Sustaining Voltage
VEBO*
Emitter – Base Sustaining Voltage
VCE(sat)*
Collector – Emitter Saturation Voltage
VBE(sat)*
Base – Emitter Saturation Voltage
hFE*
DC Current Gain
fT
Transition Frequency
CCBO
Collector – Base Capacitance
ton
Turn-On Time
toff
Turn-Off Time
Is/b**
Second Breakdown Collector Current
µA
V
—
MHz
pF
µs
A
ELECTRICAL CHARACTERISTICS
(Tcase = 25°C unless otherwise stated)
NOTES
* Pulse Test: tp = 300µs, δ = 1.5%
** Pulse Test: 1sec, non-repetitive pulse.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com