Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR38630 Datasheet(PDF) 6 Page - Sharp Corporation

Part # LR38630
Description  Digital Signal Processor for CIF CMOS Image Cameras
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR38630 Datasheet(HTML) 6 Page - Sharp Corporation

Back Button LR38630 Datasheet HTML 2Page - Sharp Corporation LR38630 Datasheet HTML 3Page - Sharp Corporation LR38630 Datasheet HTML 4Page - Sharp Corporation LR38630 Datasheet HTML 5Page - Sharp Corporation LR38630 Datasheet HTML 6Page - Sharp Corporation LR38630 Datasheet HTML 7Page - Sharp Corporation LR38630 Datasheet HTML 8Page - Sharp Corporation LR38630 Datasheet HTML 9Page - Sharp Corporation LR38630 Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LR38630
PIN NO. SYMBOL
I/O
POLARITY
DESCRIPTION
Clock input/output to/from EEPROM.
Going to high-impedance with high level of pin 80.
IO4M
EEPCK
78
The option of number of bits of serial data to adjust.
High level : W/R flag + address 6 bits + data 16 bits
Low level : W/R flag + address 8 bits + data 8 bits
IC
IFMODE
79
80
ADJMODE
IC
Void input of internal automatic control circuit, connected to low level normally.
High level input stops automatic control function.
Power-on with high level input stops automatic loading of EEPROM data.
IO4M
: Input/output pin (4 mA output, CMOS level input)
IO4MU
: Input/output pin (4 mA output, CMOS level input
with pull-up resistor)
OBF4M
: Output pin (4 mA output)
IC
: Input pin (CMOS level input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com