Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB1412CPROG Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSB1412CPROG
Description  Low Vcesat PNP Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSB1412CPROG Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSB1412CPROG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSB1412CPROG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSB1412CPROG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSB1412CPROG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TSB1412
Low Vcesat PNP Transistor
1/4
Version: B11
TO-252
(DPAK)
PRODUCT SUMMARY
BVCBO
-40V
BVCEO
-30V
IC
-5A
VCE(SAT)
-0.5V @ IC / IB = -4A / -100mA
Features
●
Low VCE(SAT) -0.36 @ IC / IB = -4A / -100mA (Typ.)
●
Complementary part with TSD2118
Ordering Information
Part No.
Package
Packing
TSB1412CP RO
TO-252
2.5Kpcs / 13” Reel
TSB1412CP ROG
TO-252
2.5Kpcs / 13” Reel
Note: “G” is denote Halogen Free Product.
Structure
●
Epitaxial Planar Type
●
PNP Silicon Transistor
Absolute Maximum Rating (TA=25
oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Collector-Base Voltage
VCBO
-40
V
Collector-Emitter Voltage
VCEO
-30
V
Emitter-Base Voltage
VEBO
-6
V
Collector Current
DC
IC
-5
A
Pulse
-10 (note)
Collector Power Dissipation
Ta=25ºC
PD
1
W
Tc=25ºC
10
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TSTG
- 55 to +150
oC
Note: Single pulse, Pw=10ms
Electrical Specifications (TA=25
oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Collector-Base Breakdown Voltage
IC = -50uA, IE = 0
BVCBO
-40
--
--
V
Collector-Emitter Breakdown Voltage
IC = -1mA, IB = 0
BVCEO
-30
--
--
V
Emitter-Base Breakdown Voltage
IE = -50uA, IC = 0
BVEBO
-6
--
--
V
Collector Cutoff Current
VCB = -25V, IE = 0
ICBO
--
--
-0.5
uA
Emitter Cutoff Current
VEB = -5V, IC = 0
IEBO
--
--
-0.5
uA
Collector-Emitter Saturation Voltage
IC / IB = -4A / -100mA
*VCE(SAT)
--
-0.36
-0.5
V
DC Current Transfer Ratio
VCE = -2V, IC = -500mA
*hFE
180
--
390
Transition Frequency
VCE =-6V, IC=-50mA,
f=30MHz
fT
--
120
--
MHz
Output Capacitance
VCB = -20V, f=1MHz
Cob
--
60
--
pF
* Pulse Test: Pulse Width ≤380uS, Duty Cycle≤2%
Pin Definition:
1. Base
2. Collector
3. Emitter


Similar Part No. - TSB1412CPROG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSB1412CP TSC-TSB1412CP Datasheet
220Kb / 4P
Low Vcesat PNP Transistor
More results

Similar Description - TSB1412CPROG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSB772 TSC-TSB772_07 Datasheet
225Kb / 4P
Low Vcesat PNP Transistor
TSB772S TSC-TSB772S_07 Datasheet
249Kb / 4P
Low Vcesat PNP Transistor
TSB1412 TSC-TSB1412 Datasheet
220Kb / 4P
Low Vcesat PNP Transistor
TSB1424 TSC-TSB1424_07 Datasheet
232Kb / 4P
Low Vcesat PNP Transistor
TSB1132 TSC-TSB1132_1 Datasheet
198Kb / 4P
Low Vcesat PNP Transistor
TSB1184A TSC-TSB1184A_1 Datasheet
314Kb / 4P
Low Vcesat PNP Transistor
TSB1590 TSC-TSB1590_1 Datasheet
271Kb / 4P
Low Vcesat PNP Transistor
TSB772 TSC-TSB772_11 Datasheet
98Kb / 4P
Low Vcesat PNP Transistor
TSB772S TSC-TSB772S_10 Datasheet
89Kb / 4P
Low Vcesat PNP Transistor
TSB772 TSC-TSB772_13 Datasheet
106Kb / 4P
Low Vcesat PNP Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com