Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP140 Datasheet(PDF) 5 Page - Seme LAB

Part # IP140
Description  1 AMP POSITIVE VOLTAGE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP140 Datasheet(HTML) 5 Page - Seme LAB

  IP140 Datasheet HTML 1Page - Seme LAB IP140 Datasheet HTML 2Page - Seme LAB IP140 Datasheet HTML 3Page - Seme LAB IP140 Datasheet HTML 4Page - Seme LAB IP140 Datasheet HTML 5Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
IP140A SERIES
IP140
SERIES
IP7800A SERIES
IP7800
SERIES
LM140
SERIES
Document Number 2833
Issue 2
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
GN D
VIN
VOUT
C1 *
0. 22
μF
C2 * *
IN PU T
OU T PUT
GN D
VIN
VOUT
C1
0. 22
μF
IN PU T
OU T PUT
R1
R2
R1
GN D
VIN
VOUT
C1 *
0. 22
μF
IN PU T
OU T P U T
IOUT
Fixed Output Regulator
*
Required if the regulator is located far from
the power supply.
** Although no output capacitor is needed for
stability, it does help transient response.(If
needed, use 0.1
μF ceramic disc)
Current Regulator
Adjustable Output Regulator
APPLICATIONS INFORMATION
Part
K–Pack
R–Pack G/IG–Pack
SMD 1
LCC4
Temp.
Number
(TO–3)
(TO–66)
(TO–257)
SMD 05
Range
IP7800A
-55 to +150°C
IP7800
”
IP140A
”
IP140
”
LM140
”
Note:
To order, add the package identifier
to the part number.
eg.
IP7805AK
IP140SMD-12
Order Information
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Rthj-case
Thermal Resistance Junction-case
MAX
3°C/W
7°C/W
5°C/W
13°C/W
1.3°C/W
K–Pack
R–Pack
G/IG–Pack
LCC4
SMD
THERMAL DATA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com