Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML100M12MSF Datasheet(PDF) 2 Page - Seme LAB

Part # SML100M12MSF
Description  NORMALLY-OFF SILICON CARBIDE POWER JFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

SML100M12MSF Datasheet(HTML) 2 Page - Seme LAB

  SML100M12MSF Datasheet HTML 1Page - Seme LAB SML100M12MSF Datasheet HTML 2Page - Seme LAB SML100M12MSF Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NORMALLY-OFF SILICON
CARBIDE POWER JFET
SML100M12MSF
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 8965
Issue 2
Page 2 of 2
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise stated)
Symbols
Parameters
Test Conditions
Min.
Typ.
Max.
Units
BVDSS
Drain-Source Blocking
Voltage
VGS = 0V, ID = 1.0mA
1200
-
-
V
IDSS
Drain-Source Leakage
Current
VDS = 1200V, VGS = 0V
-
-
1.0
mA
VDS = 1200V, VGS = -5V
-
0.11
-
VGS(th)
Gate Threshold Voltage
VDS = 1.0V, ID = 34mA
0.70
1.00
1.25
V
IGSS
Gate-Source Leakage
Current
VGS = 2.4V
-
0.25
1.5
mA
VGS = -15V
-
0.1
1.5
RDS(on)
(1)
Drain-Source On-resistance
ID = 13A, VGS = 3V, TJ = 25°C
-
0.09
0.15
ID = 13A, VGS = 3V, TJ = 175°C
-
0.29
-
Qg
Total Gate Charge
VDS = 600V, ID = 13A,
VGS = 0V to +3V
-
28
-
nC
Qgs
Gate-Source Charge
-
9.3
-
ton
Turn-on Delay
(Resistive Load)
VDS = 600V, ID = 13A,
CBP = 33nF, RCL = 110
-
20
-
ns
toff
Turn-off Delay
(Resistive Load)
-
30
-
tr
Rise time (Resistive Load)
-
70
-
Ciss
Input Capacitance
VDS = 100V
-
642
-
pF
Coss
Output Capacitance
-
69
-
Crss
Reverse Transfer
Capacitance
-
68
-
Notes
Notes
Notes
Notes
(1)
Pulse Width ≤ 300us, δ ≤ 2%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com