Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2D Datasheet(PDF) 1 Page - Micro Commercial Components

Part # S2D
Description  2 Amp Silicon Rectifier 50 to 1000 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

S2D Datasheet(HTML) 1 Page - Micro Commercial Components

  S2D Datasheet HTML 1Page - Micro Commercial Components S2D Datasheet HTML 2Page - Micro Commercial Components S2D Datasheet HTML 3Page - Micro Commercial Components S2D Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
S2A
THRU
S2M
2 Amp
Silicon Rectifier
50 to 1000 Volts
Features
Maximum Ratings
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
•
Maximum Thermal Resistance; 16
°C/W Junction To Lead
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
S2A
S2A
50V
35V
50V
S2B
S2B
100V
70V
100V
S2D
S2D
200V
140V
200V
S2G
S2G
400V
280V
400V
S2J
S2J
600V
420V
600V
S2K
S2K
800V
560V
800V
S2M
S2M
1000V
700V
1000V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
current
IF(AV)
2.0A
TJ = 75
°C
Peak Forward Surge
Current
IFSM
50A
8.3ms, half sine,
TJ = 150
°C
Maximum
Instantaneous
Forward Voltage
VF
1.15V
IFM = 2.0A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10
µA
50
µA
TJ = 25
°C
TJ = 125
°C
Maximum Reverse
Recovery Time
Trr
2.0
µs
IF=0.5A, IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
CJ
30pF
Measured at
1.0MHz, VR=4.0V
*Pulse test: Pulse width 300
µsec, Duty cycle 2%
DO-214A
A
(HSMB) (
Round Lead)
H
J
E
F
G
A
B
D
C
Cathode Band
0.070”
0.090"
0.085”
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.078
.116
1.98
2.95
B
.075
.089
1.90
2.25
C
.002
.008
.05
.20
D
-----
.02
-----
.51
E
.035
.055
.90
1.40
F
.065
.091
1.65
2.32
G
.205
.224
5.21
5.69
H
.160
.180
4.06
4.57
J
.130
.155
3.30
3.94
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
A
20
11/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 4
•
Low Thermal Resistance
•
Easy Pick And Place
•
High Temp Soldering: 260
°C for 10 Seconds At Terminals
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
•
For Surface Mount Applications
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1


Similar Part No. - S2D

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S2D PANJIT-S2D Datasheet
58Kb / 2P
SURFACE MOUNT RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
logo
Surge Components
S2D SURGE-S2D Datasheet
85Kb / 2P
SURFACE MOUNT RECTIFIER VOLTAGE - 50 TO 1000 Volts CURRENT - 2.0 Ampere????
logo
Transys Electronics
S2D TRSYS-S2D Datasheet
176Kb / 2P
SURFACE MOUNT RECTIFIER
logo
Jinan Gude Electronic D...
S2D JGD-S2D Datasheet
150Kb / 2P
1.5 AMPS. SURFACE MOUNT RECTIFIERS
logo
Shanghai Sunrise Electr...
S2D SSE-S2D Datasheet
16Kb / 1P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
More results

Similar Description - S2D

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2A01 MCC-2A01 Datasheet
419Kb / 4P
2 Amp Silicon Rectifier 50 to 1000 Volts
RL201 MCC-RL201_11 Datasheet
208Kb / 4P
2 Amp Silicon Rectifier 50 to 1000 Volts
S2A-TP MCC-S2A-TP Datasheet
276Kb / 4P
2 Amp Silicon Rectifier 50 to 1000 Volts
RL206-TP MCC-RL206-TP Datasheet
234Kb / 4P
2 Amp Silicon Rectifier 50 to 1000 Volts
S2B-TP MCC-S2B-TP Datasheet
273Kb / 4P
2 Amp Silicon Rectifier 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
RL201 YFWDIODE-RL201 Datasheet
100Kb / 3P
2 Amp Silicon Rectifier 50 to 1000 Volts
RL201-DO15 YFWDIODE-RL201-DO15 Datasheet
444Kb / 3P
2 Amp Silicon Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
2A01 MCC-2A01_13 Datasheet
440Kb / 4P
2 Amp Silicon Rectifier 50 to 1000 Volts
S2A MCC-S2A_13 Datasheet
194Kb / 4P
2 Amp Silicon Rectifier 50 to 1000 Volts
logo
Shanghai Leiditech Elec...
S2A LEIDITECH-S2A Datasheet
496Kb / 3P
2 Amp Silicon Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com