Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V3A-4KB Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # V3A-4KB
Description  Manual Swipe Magnetic Card Reader
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V3A-4KB Datasheet(HTML) 5 Page - Omron Electronics LLC

  V3A-4KB Datasheet HTML 1Page - Omron Electronics LLC V3A-4KB Datasheet HTML 2Page - Omron Electronics LLC V3A-4KB Datasheet HTML 3Page - Omron Electronics LLC V3A-4KB Datasheet HTML 4Page - Omron Electronics LLC V3A-4KB Datasheet HTML 5Page - Omron Electronics LLC V3A-4KB Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
V3A
V3A
5
J
V3A-4
90
(3.54)
Card Feed Direction
24
(0.94)
2 -- f 2.5 dia. Depth 7
for Reverse Side Mounting Screw
(Applicable Screw: M3 Tapping)
3
(0.12)
5
(0.20)
72 ± 0.2
(2.83 ± 0.008)
80 ± 0.2
(3.15 ± 0.008)
18 ± 0.2
(0.71 ± 0.008)
24
(0.94)
20.5
(0.81)
9
(0.35)
2 -- f 3.5 dia.
for Front Side Mounting Screw
(Applicable Screw: M3)
Mag. Head
Circuit Board
Output Connector
Note: Tolerances ±0.3mm unless specified
pin 9
pin 1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com