Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPS65-M Datasheet(PDF) 2 Page - Emerson Network Power

Part # NPS65-M
Description  60 Watts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NPS65-M Datasheet(HTML) 2 Page - Emerson Network Power

  NPS65-M Datasheet HTML 1Page - Emerson Network Power NPS65-M Datasheet HTML 2Page - Emerson Network Power NPS65-M Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rev.05.18.11_184
NPS60-M Series
2 of 3
Embedded Power for
Business-Critical Continuity
Operatingtemperature:
0°to50°Cambientderateeachoutputat2.5%perdegreefrom50°to80°C.-20°Cstartup
Storagetemperature:
-45°Cto+85°C
Electromagneticsusceptibility: DesignedtomeetEN61000-4;-2,-3,-4,-5,-6,-8,-11Level3
Humidity:
Operating;non-condensing10%to90%RH
Vibration:
IEC68-2-6tothelevelsofIEC721-3-2
MTBFdemonstrated:
>550,000hoursatfullloadand25°Cambientconditions
EnvironmentalSpecifications
MechanicalDrawing
BARCODE
SERIAL LABEL
GND TAB
(CN1)
M1
PIN 1
PIN 2
SK1
MODEL LABEL
ROHS LABEL
0.16” (4.0) MOUNTING HOLE
(4 PLACES)
4.00"
(101.6) 3.73"
(94.6)
PIN 1
PIN 8
SK2
0.86"
(22 max)
M2
6 PINS OUTPUT
CONNECTOR
(SK2)
INPUT
CONNECTOR
(SK1)
VR1
OUTPUT VOLTAGE
ADJUST POT
0.197” (5.0) MINIMUM STANDOFF HEIGHT



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com