Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2000 Datasheet(PDF) 6 Page - Texas Instruments

Part # TSC2000
Description  PDA ANALOG INTERFACE CIRCUIT
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2000 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TSC2000_08 Datasheet HTML 2Page - Texas Instruments TSC2000_08 Datasheet HTML 3Page - Texas Instruments TSC2000_08 Datasheet HTML 4Page - Texas Instruments TSC2000_08 Datasheet HTML 5Page - Texas Instruments TSC2000_08 Datasheet HTML 6Page - Texas Instruments TSC2000_08 Datasheet HTML 7Page - Texas Instruments TSC2000_08 Datasheet HTML 8Page - Texas Instruments TSC2000_08 Datasheet HTML 9Page - Texas Instruments TSC2000_08 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
6
www.ti.com
TSC2000
SBAS257
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, +VDD = +2.7V, conversion clock = 2MHz, 12-bit mode. Internal VREF = +2.5V, unless otherwise noted.
INTERNAL REFERENCE vs TEMPERATURE
20
40
–60
100
–40
–20
0
60
80
Temperature (
°C)
2.55
2.54
2.53
2.52
2.51
2.5
2.49
2.48
2.47
2.46
2.45
1.275
1.27
1.265
1.26
1.255
1.25
1.245
1.24
1.235
1.23
1.225
2.5V Reference
1.25V Reference
INTERNAL REFERENCE vs V
DD
3.3
3.5
2.5
3.7
2.7
2.9
3.1
V
DD (V)
2.55
2.54
2.53
2.52
2.51
2.5
2.49
2.48
2.47
2.46
2.45
1.275
1.27
1.265
1.26
1.255
1.25
1.245
1.24
1.235
1.23
1.225
2.5V Reference
1.25V Reference
INTERNAL OSCILLATOR FREQUENCY
vs TEMPERATURE
0
–60
100
–40
–20
20
Temperature (
°C)
8.4
8.2
8
7.8
7.6
7.4
7.2
40
60
80
TOUCHSCREEN DRIVER ON-RESISTANCE
vs TEMPERATURE
0
–60
100
–40
–20
20
Temperature (
°C)
8
7.5
7
6.5
6
5.5
5
4.5
4
40
60
80
TOUCH SCREEN DRIVER ON-RESISTANCE vs V
DD
3.1
2.5
3.7
2.7
3.3
Supply Voltage (V)
7
6.9
6.8
6.7
6.6
6.5
6.4
6.3
6.2
6.1
3.5
2.9
TEMP1 DIODE VOLTAGE vs TEMPERATURE
0
–60
100
–40
–20
20
Temperature (
°C)
800
750
700
650
600
550
500
450
400
40
60
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com